Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC05111CMT Datasheet (PDF) - ON Semiconductor

LC05111CMT Datasheet PDF - ON Semiconductor
Part # LC05111CMT
Download  LC05111CMT Download
File Size   351.68 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Protection IC with integrated Power MOS FET

LC05111CMT Datasheet (PDF)

Go To PDF Page Download Datasheet
LC05111CMT Datasheet PDF - ON Semiconductor

Part # LC05111CMT
Download  LC05111CMT Click to download

File Size   351.68 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Protection IC with integrated Power MOS FET

LC05111CMT Datasheet (HTML) - ON Semiconductor


LC05111CMT Product details

Overview
The LC05111CMT is a protection IC for 1−cell lithium−ion secondary batteries with integrated power MOSFET. Also it integrates highly accurate detection circuits and detection delay circuits to prevent batteries from over−charging, over−discharging, over−current discharging and over−current charging.
A battery protection system can be made by only LC05111CMT and few external parts.

Features
• Charge−and−discharge Power MOSFET are Integrated at Ta = 25°C, VCC = 4.5 V
    ♦ ON Resistance (total of charge and discharge) 11.2 mΩ (typ)
• Highly Accurate Detection Voltage/Current at Ta = 25°C, VCC = 3.7 V
    ♦ Over−charge Detection ±25 mV
    ♦ Over−discharge Detection ±50 mV
    ♦ Charge Over−current Detection ±0.7 A
    ♦ Discharge Over−current Detection ±0.7 A
• Delay Time for Detection and Release (fixed internally)
• Discharge/Charge Over−current Detection is Compensated for Temperature Dependency of Power FET
• 0 V Battery Charging : “Permission”
• Auto Wake−up Function Battery Charging: “Permission”
• Over Charge Detection Voltage : 4.0 V to 4.5 V (5 mV steps)
• Over Charge Release Hysteresis : 0 V to 0.3 V (100 mV steps)
• Over Discharge Detection Voltage : 2.2 V to 2.7 V (50 mV steps)
• Over Discharge Release Hysteresis at Auto Wake−up : 0 V to 0.6 V (200 mV steps)
• Over Discharge Release Hysteresis : 0 V to 0.075 V (25 mV steps)
• Discharge Over Current Detection : 2.0 A to 8.0 A (0.5 A steps)
• Charge Over Current Detection : −8.0 A to −2.0 A (0.5 A steps)

Typical Applications
• Lithium Ion Battery Protection




Similar Part No. - LC05111CMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
logo
Shanghai Leiditech Elec...
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
USB 2.0 power and data line
LC0511CDN LEIDITECH-LC0511CDN Datasheet
262Kb / 3P
1-Line Bi-directional Low Capacitance TVS Diode
More results


Similar Description - LC05111CMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
LI-ION PROTECTION IC WITH POWER MOS
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS3055MUTAG ONSEMI-NUS3055MUTAG Datasheet
109Kb / 10P
Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2006 ??Rev. 0
logo
Rohm
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
Charger Protection IC with Internal FET
BD906XX ROHM-BD906XX Datasheet
1Mb / 37P
Integrated Pch POWER MOS FET
logo
ON Semiconductor
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
LC05132C01MT ONSEMI-LC05132C01MT Datasheet
447Kb / 16P
Protection IC with integrated Power MOS FET
February 2015 - Rev. 2
LC05132C01NMT ONSEMI-LC05132C01NMT Datasheet
447Kb / 16P
Protection IC with integrated Power MOS FET
March 2015 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com