| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP1597B
|
168Kb / 9P |
1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0 |
|
NCV890130
|
179Kb / 15P |
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2 |
|
NCV890130MWTXG
|
179Kb / 15P |
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2 |
|
NCV890131
|
157Kb / 19P |
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3 |
|
NCV890200
|
143Kb / 18P |
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2 |
|
NCV890204
|
214Kb / 19P |
2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3 |
|
NCV890231
|
157Kb / 19P |
2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 2 |
|
NCV890201
|
156Kb / 19P |
2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3 |
|
NCP1597B
|
349Kb / 13P |
1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2 |
|
NCV890100
|
250Kb / 19P |
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4 |