Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P2309NZ Datasheet (PDF) - ON Semiconductor

PCS2P2309NZ Datasheet PDF - ON Semiconductor
Part # PCS2P2309NZ
Download  PCS2P2309NZ Download
File Size   104.86 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V 1:9 Clock Buffer

PCS2P2309NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PCS2P2309NZ Datasheet PDF - ON Semiconductor

Part # PCS2P2309NZ
Download  PCS2P2309NZ Click to download

File Size   104.86 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V 1:9 Clock Buffer

PCS2P2309NZ Datasheet (HTML) - ON Semiconductor




Similar Part No. - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
391Kb / 9P
Nine Output 3.3V Buffer
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
320Kb / 8P
3.3V 1:9 Clock Buffer
PCS2P2309NZF-16-SR PULSECORE-PCS2P2309NZF-16-SR Datasheet
391Kb / 9P
Nine Output 3.3V Buffer
PCS2P2309NZF-16-SR PULSECORE-PCS2P2309NZF-16-SR Datasheet
320Kb / 8P
3.3V 1:9 Clock Buffer
PCS2P2309NZF-16-ST PULSECORE-PCS2P2309NZF-16-ST Datasheet
391Kb / 9P
Nine Output 3.3V Buffer
More results


Similar Description - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ_1 Datasheet
320Kb / 8P
3.3V 1:9 Clock Buffer
logo
ON Semiconductor
PCS2I2309NZ ONSEMI-PCS2I2309NZ Datasheet
110Kb / 6P
3.3 V 1:9 Clock Buffer
October, 2014 ??Rev. 0
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com