Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8135YTVA5 Datasheet (PDF) - ON Semiconductor

CS8135YTVA5 Datasheet PDF - ON Semiconductor
Part # CS8135YTVA5
Download  CS8135YTVA5 Download
File Size   88.92 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Dropout Dual Regulator

CS8135YTVA5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8135YTVA5 Datasheet PDF - ON Semiconductor

Part # CS8135YTVA5
Download  CS8135YTVA5 Click to download

File Size   88.92 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Dropout Dual Regulator

CS8135YTVA5 Datasheet (HTML) - ON Semiconductor


CS8135YTVA5 Product details

Description
The CS8135 is a low dropout, high current, dual 5V linear regulator. The secondary 5V/10mA output is often used for powering systems with standby memory. Quiescent current drain is less than 3mA when supplying 10mA loads from the standby regulator.

Features
■ Two Regulated Outputs
    Primary Output 5V ± 5%; 500mA
    Secondary Standby 5V ±5%; 10mA
■ Low Dropout Voltage (0.6V at 0.5A)
■ ON/OFF Control Option
■ Low Quiescent Drain (<3mA)
■ RESET Option
■ Protection Features
    Reverse Battery
    60V Load Dump
    -50V Reverse Transient
    Short Circuit
    Thermal Shutdown
    Overvoltage Shutdown




Similar Part No. - CS8135YTVA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135YTVA5 CHERRY-CS8135YTVA5 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
More results


Similar Description - CS8135YTVA5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
LX8942 MICROSEMI-LX8942 Datasheet
238Kb / 8P
Low Dropout Dual Regulator
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H06K TOSHIBA-TAR8H06K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com