Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89058W-E Datasheet (PDF) - ON Semiconductor

LC89058W-E Datasheet PDF - ON Semiconductor
Part # LC89058W-E
Download  LC89058W-E Download
File Size   308.02 Kbytes
Page   64 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digital Audio Interface Receiver

LC89058W-E Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89058W-E Datasheet PDF - ON Semiconductor

Part # LC89058W-E
Download  LC89058W-E Click to download

File Size   308.02 Kbytes
Page   64 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digital Audio Interface Receiver

LC89058W-E Datasheet (HTML) - ON Semiconductor


LC89058W-E Product details

Overview
The LC89058W-E is a digital audio interface receiver IC that demodulates signals according to a data transfer format between digital audio devices via the IEC60958/61937 and JEITA CPR-1205. It supports demodulation sampling frequencies of up to 192kHz. The LC89058W-E can easily replace the existing LC89057W-VF4A-E.
The LC89058W-E incorporates a number of features for its low cost and is optimal for receiving digital data for AV amplifiers and receivers.

Features
Clock
• Built-in PLL false lock prevention circuit to provide accurate lock.
• Includes built-in oscillation amplifier and frequency divider for quartz resonator.
• Output clock: 512fs, 256fs, 128fs, 64fs, 32fs, 16fs, 2fs, fs, 1/2fs, and 1/4fs.
• Possible to set the oscillation amplifier (external input) clock output regardless of the PLL status.
• Generates transition period signal for switching between the PLL clock and oscillation amplifier (external input) clock.
• Allows the user to set the PLL clock output frequency for each sampling frequency band of input data.

Data
• Can receive S/PDIF and serial data at sampling frequencies of 32kHz to 192kHz.
• Equipped with a total of 7 digital data input pins: 1 input pin with an amplifier and 6 input pins with 5V tolerable TTL level signal.
• Can generate data to be demodulated and through output data separately from a maximum of 7 kinds of S/PDIFs.
• Equipped an S/PDIF input data detection function. Possible to monitor the data input status of 32kHz to 192kHz with microcontroller.
• Equipped with a serial data input pin. Possible to switch with demodulation output automatically according to the state of the PLL circuit.
• The fs reception range of S/PDIF interface can be limited. LC89058W-E can be set to a no-signal input state if the reception range is exceeded.
• Supports I2S data output that facilitates interfacing with DSP.

Other
• Supports Multi-channel transfer and reception, using master/slave function.
• Equipped with a 4bits general-purpose I/O pins. They can be used for interface with peripheral ICs.
• The general-purpose I/O pins can also serve as selector inputs. Possible to switch with HDMI and XM-radio signals.
• Generates a DTS-CD/LD detection flag on detection of a DTS synchronization signal.
• Outputs interrupt signal for microcontroller (interrupt source can be selected).
• Calculates sampling frequency of input signal and outputs it from the terminal or microcontroller interface.
• Outputs IEC61937 burst preamble Pc from microcontroller interface.
• Outputs IEC60958 bit 1 of channel status (non-PCM data delimiter bit).
• Outputs emphasis information of channel status.
• Can use up to four LC89058W-Es at the same time by setting the 2-bit chip address.
• Runs on a single 3.3V power supply (S/PDIF input and microcontroller interface support 5V TTL interface.)
• SQFP48 package




Similar Part No. - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89058W-E SANYO-LC89058W-E Datasheet
304Kb / 64P
Digital Audio Interface Receiver
More results


Similar Description - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com