|
DESCRIPTION The 7480/7481 group is the single-chip microcomputer adopting the silicon gate CMOS process. In addition to its simple instruction set, the ROM, RAM, and I/O addresses are placed in the same memory space. FEATURES ● Number of basic machine language instructions ..................... 71 ● Minimum instruction execution time ...................................0.5 µs (at 8 MHz clock input oscillation frequency) ● Memory size ROM ........................................... 4 K to 16 K bytes RAM ............................................ 128 to 448 bytes ● Programmable I/O ports .................................... 18 (7480 group) (P0, P1, P4, P5) 24 (7481 group) ● Input ports ............................................................ 8 (7480 group) (P2, P3) 12 (7481 group) ● Built-in programmable pull-up transistors (P0, P1) ● Built-in clamp diodes............................................ 2 (7480 group) (P4, P5) 8 (7481 group) ● Interrupt ................................................... 14 sources, 13 vectors ● Timer X, Y ..................................................................... 16-bit ✕ 2 ● Timer 1, 2 ....................................................................... 8-bit ✕ 2 ● Serial I/O ....................... 8-bit x 1 (UART or clock-synchronized) ● A-D converter ............................ 8-bit x 4 channels (7480 group) 8-bit x 8 channels (7481 group) ● Built-in watchdog timer ● Power source voltage ................................................ 2.7 to 4.5 V (at [2.2 VCC-2] MHz clock input oscillation frequency) 4.5 to 5.5 V (at 8 MHz clock input oscillation frequency) ● Power dissipation .............................................................. 35 mW (at 8 MHz clock input oscillation frequency and 5 V power source voltage) APPLICATIONS Automobiles, office automation equipment, home electric appliances, etc.
|