Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90500 Datasheet (PDF) - Mitel Networks Corporation

MT90500 Datasheet PDF - Mitel Networks Corporation
Part # MT90500
Download  MT90500 Download
File Size   514.21 Kbytes
Page   159 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Multi-Channel ATM AAL1 SAR

MT90500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT90500 Datasheet PDF - Mitel Networks Corporation

Part # MT90500
Download  MT90500 Click to download

File Size   514.21 Kbytes
Page   159 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Multi-Channel ATM AAL1 SAR

MT90500 Datasheet (HTML) - Mitel Networks Corporation


MT90500 Product details

Description
The MT90500 Multi-Channel AAL1 SAR is a highly integrated solution which allows systems based on a telecom bus to be interfaced to ATM networks using ATM Adaptation Layer 1 (AAL1), ATM Adaptation Layer 5 (AAL5) and ATM Adaptation Layer 0 (AAL0). The MT90500 can be connected directly to a ST-BUS time division multiplexed (TDM) backplane containing up to 1024 full duplex 64kbps channels. Up to 1024 bi-directional ATM VC connections can be simultaneously processed by the MT90500 AAL1 SAR device.

Features
• AAL1 Segmentation and Reassembly device compatible with Structured Data Transfer (SDT) as per ANSI T1.630 and ITU I.363 standards
• Transports 64kbps and N x 64kbps traffic over ATM AAL1 cells (also over AAL5 or AAL0)
• Simultaneous processing of up to 1024 bidirectional Virtual Circuits
• Flexible aggregation capabilities (Nx64) to allow any combination of 64 kbps channels while maintaining frame integrity (DS0 grooming)
• Support for clock recovery - Adaptive Clock Recovery, Synchronous Residual Time Stamp (SRTS), or external
• Primary UTOPIA port (Level 1, 25 MHz) for connection to external PHY devices with data throughput of up to 155 Mbps
• Secondary UTOPIA port for connection to an external AAL5 SAR processor, or for chaining multiple MT90500 devices
• 16-bit microprocessor port, configurable to Motorola or Intel timing
• TDM bus provides 16 bidirectional serial TDM streams at 2.048, 4.096, or 8.192 Mbps for up to 2048 TDM 64 kbps channels
• Compatible with ST-BUS, MVIP, H-MVIP and SCSA interfaces
• Supports master and slave TDM bus clock operation
• Loopback function at TDM bus interface
• Local TDM bus provides clocks, input pin and output pin for 2.048 Mbps operation
• Master clock rate up to 60 MHz
• Dual rails (3.3V for power minimization, 5V for standard I/O)
• IEEE1149 (JTAG) interface

Applications
• B-ISDN (Broadband ISDN) systems requiring flexible N x 64kbps transport
• Connecting TDM backplane to TDM backplane over ATM network (GO-MVIP MC4, or other)
• Systems requiring ANSI T1.630 Structured Data Transfer services for 1 to 122 TDM channels per VC
• Systems requiring ITU-T I.363.1 circuit transport over Structured Data Transfer for 1 to 96 TDM channels per VC
• Systems requiring AF-VTOA-0078.000 (ATM Forum CES v2.0) “Logical Nx64 Basic Service”
• Systems requiring AF-VTOA-0083.000 Voice and Telephony over ATM (CBR-AAL5).
• Mapping between CBR-AAL0, CBR-AAL5, and AAL1
• Mapping between CBR partially-filled cells and full cells
• Mapping between CBR single-voice cells and Nx64 cells
• ATM uplink for expansion of COs, PBXs, or open switching platforms using an adjunct ATM switch
• ATM Public Network access for PBX or CO
• ATM Edge Switches and CPE IntegratedAccess over ATM
• TDM traffic transfer over an asynchronous cell bus
• Systems requiring Nx64 over CBR-AAL5.




Similar Part No. - MT90500

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90502 ZARLINK-MT90502 Datasheet
1Mb / 191P
Multi-Channel AAL2 SAR
MT90502 ZARLINK-MT90502 Datasheet
1Mb / 205P
Multi-Channel AAL2 SAR
MT90502AG ZARLINK-MT90502AG Datasheet
1Mb / 191P
Multi-Channel AAL2 SAR
MT90502 ZARLINK-MT90502_06 Datasheet
1Mb / 205P
Multi-Channel AAL2 SAR
MT90503 ZARLINK-MT90503 Datasheet
1Mb / 233P
2048VC AAL1 SAR
More results


Similar Description - MT90500

ManufacturerPart #DatasheetDescription
logo
NEC
UPD98401A NEC-UPD98401A Datasheet
216Kb / 36P
ATM SAR CHIP
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
155M ATM INTEGRATED SAR CONTROLLER
UPD98409 NEC-UPD98409 Datasheet
402Kb / 36P
ATM LIGHT SAR CONTROLLER
logo
PMC-Sierra, Inc
PM73122 PMC-PM73122 Datasheet
4Mb / 489P
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PM73123 PMC-PM73123 Datasheet
2Mb / 2P
8 LINK CES/DBCES AAL1 SAR
PM73123 PMC-PM73123 Datasheet
55Kb / 2P
8 Link CES/DBCES AAL1 SAR
PM73124 PMC-PM73124 Datasheet
82Kb / 2P
4 Link CES/DBCES AAL1 SAR
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
logo
Zarlink Semiconductor I...
MT90503 ZARLINK-MT90503 Datasheet
1Mb / 233P
2048VC AAL1 SAR
MT90520 ZARLINK-MT90520 Datasheet
1Mb / 180P
8-Port Primary Rate Circuit Emulation AAL1 SAR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com