Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4728A Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

SMA4728A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # SMA4728A
Download  SMA4728A Download
File Size   352.45 Kbytes
Page   3 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description 1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE

SMA4728A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA4728A Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # SMA4728A
Download  SMA4728A Click to download

File Size   352.45 Kbytes
Page   3 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description 1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE

SMA4728A Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.


SMA4728A Product details

FEATURES
● Glass passivated chip
● Low leakage
● Built-in strain relief
● Low inductance
● High peak reverse power dissipation
● Lead (Pb)-free component
● For use in stabilizing and clipping circuits with high power




Similar Part No. - SMA4728A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4728A YANGJIE-SMA4728A Datasheet
194Kb / 3P
Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4728A SOCAY-SMA4728A Datasheet
149Kb / 5P
SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4728A SOCAY-SMA4728A Datasheet
149Kb / 5P
Surface Mount Zener Diodes
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
1W SURFACE MOUNT SILICON ZENER DIODE
More results


Similar Description - SMA4728A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com