Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5221B Datasheet (PDF) - CHENG-YI ELECTRONIC CO., LTD.

ZMM5221B Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.
Part # ZMM5221B
Download  ZMM5221B Download
File Size   249.08 Kbytes
Page   3 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description 500mW Mini melf ZENER Diodes

ZMM5221B Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMM5221B Datasheet PDF - CHENG-YI ELECTRONIC CO., LTD.

Part # ZMM5221B
Download  ZMM5221B Click to download

File Size   249.08 Kbytes
Page   3 Pages
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.
Description 500mW Mini melf ZENER Diodes

ZMM5221B Datasheet (HTML) - CHENG-YI ELECTRONIC CO., LTD.


ZMM5221B Product details

Features

• Plannar Die constuction

• 500mW Power Dissipation

• Ideally Suited for Automated Assembly Processes

• VZ–tolerance ± 5%

• Weight 0.035g





Applications

  Voltage stabilization



 




Similar Part No. - ZMM5221B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
500mW 5% mini-M.E.L.F ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5221B JGD-ZMM5221B Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Diodes Incorporated
ZMM5221B DIODES-ZMM5221B Datasheet
80Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Weitron Technology
ZMM5221B WEITRON-ZMM5221B Datasheet
575Kb / 4P
Surface Mount Zener Diodes
logo
Pan Jit International I...
ZMM5221B PANJIT-ZMM5221B Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODES
More results


Similar Description - ZMM5221B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
500mW Mini MELF Zener Diodes
logo
Frontier Electronics.
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com