Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2621 Datasheet (PDF) - Global Mixed-mode Technology Inc

G2621 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G2621
Download  G2621 Download

File Size   95.27 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency, Constant Current 40V White-LEDs Driver

G2621 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2621 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G2621
Download  G2621 Click to download

File Size   95.27 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Efficiency, Constant Current 40V White-LEDs Driver

G2621 Datasheet (HTML) - Global Mixed-mode Technology Inc

G2621 Datasheet HTML 1Page - Global Mixed-mode Technology Inc



Similar Part No. - G2621

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results


Similar Description - G2621

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
   High Efficiency, Constant Current 40V White-LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
logo
Global Mixed-mode Techn...
G5126 GMT-G5126 Datasheet
107Kb / 1P
   High Efficiency, Constant Current, Boost DC/DC White-LEDs Drive
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
   High Efficiency, Constant Current Output for 8 Series LEDs Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com