Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S51-24AC Datasheet (PDF) - ATMEL Corporation

AT89S51-24AC Datasheet PDF - ATMEL Corporation
Part # AT89S51-24AC
Download  AT89S51-24AC Download
File Size   242.63 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4K Bytes In-System Programmable Flash

AT89S51-24AC Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89S51-24AC Datasheet PDF - ATMEL Corporation

Part # AT89S51-24AC
Download  AT89S51-24AC Click to download

File Size   242.63 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 4K Bytes In-System Programmable Flash

AT89S51-24AC Datasheet (HTML) - ATMEL Corporation


AT89S51-24AC Product details

Description
The AT89S51 is a low-power, high-performance CMOS 8-bit microcontroller with 4K bytes of In-System Programmable Flash memory. The device is manufactured using Atmel’s high-density nonvolatile memory technology and is compatible with the industry-standard 80C51 instruction set and pinout. The on-chip Flash allows the program memory to be reprogrammed in-system or by a conventional nonvolatile memory programmer. By combining a versatile 8-bit CPU with In-System Programmable Flash on a monolithic chip, the Atmel AT89S51 is a powerful microcontroller which provides a highly-flexible and cost-effective solution to many embedded control applications.

Features
• Compatible with MCS®-51 Products
• 4K Bytes of In-System Programmable (ISP) Flash Memory
   – Endurance: 10,000 Write/Erase Cycles
• 4.0V to 5.5V Operating Range
• Fully Static Operation: 0 Hz to 33 MHz
• Three-level Program Memory Lock
• 128 x 8-bit Internal RAM
• 32 Programmable I/O Lines
• Two 16-bit Timer/Counters
• Six Interrupt Sources
• Full Duplex UART Serial Channel
• Low-power Idle and Power-down Modes
• Interrupt Recovery from Power-down Mode
• Watchdog Timer
• Dual Data Pointer
• Power-off Flag
• Fast Programming Time
• Flexible ISP Programming (Byte and Page Mode)
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT89S51-24AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51-24AC ATMEL-AT89S51-24AC Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
More results


Similar Description - AT89S51-24AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
8-Bit Microcontroller with 4K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY2313A ATMEL-ATTINY2313A Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com