Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ652 Datasheet (PDF) - ON Semiconductor

2SJ652 Datasheet PDF - ON Semiconductor
Part # 2SJ652
Download  2SJ652 Download

File Size   255.5 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel Power MOSFET

2SJ652 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ652 Datasheet PDF - ON Semiconductor

Part # 2SJ652
Download  2SJ652 Click to download

File Size   255.5 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel Power MOSFET

2SJ652 Datasheet (HTML) - ON Semiconductor

2SJ652 Datasheet HTML 1Page - ON Semiconductor 2SJ652 Datasheet HTML 2Page - ON Semiconductor 2SJ652 Datasheet HTML 3Page - ON Semiconductor 2SJ652 Datasheet HTML 4Page - ON Semiconductor 2SJ652 Datasheet HTML 5Page - ON Semiconductor 2SJ652 Datasheet HTML 6Page - ON Semiconductor 2SJ652 Datasheet HTML 7Page - ON Semiconductor

2SJ652 Product details

Features
• ON-resistance RDS(on)1=28.5mΩ(typ.)
• Input capacitance Ciss=4360pF (typ.)
• 4V drive




Similar Part No. - 2SJ652

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ652 SANYO-2SJ652 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
2SJ652 SANYO-2SJ652 Datasheet
113Kb / 7P
   General-Purpose Switching Device Applications
2SJ652 SANYO-2SJ652_12 Datasheet
113Kb / 7P
   General-Purpose Switching Device Applications
More results


Similar Description - 2SJ652

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com