Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDC5001T1 Datasheet (PDF) - ON Semiconductor

MDC5001T1 Datasheet PDF - ON Semiconductor
Part # MDC5001T1
Download  MDC5001T1 Download
File Size   318.54 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Bias Stabilizer with Enable

MDC5001T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDC5001T1 Datasheet PDF - ON Semiconductor

Part # MDC5001T1
Download  MDC5001T1 Click to download

File Size   318.54 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Bias Stabilizer with Enable

MDC5001T1 Datasheet (HTML) - ON Semiconductor


MDC5001T1 Product details

Low Voltage Bias Stabilizer with Enable

• Maintains Stable Bias Current in N−Type Discrete Bipolar Junction and Field Effect Transistors
• Provides Stable Bias Using a Single Component Without Use of Emitter Ballast and Bypass Components
• Operates Over a Wide Range of Supply Voltages Down to 1.8 Vdc
• Reduces Bias Current Variation Due to Temperature and Unit−to−Unit Parametric Changes
• Consumes  0.5 mW at VCC = 2.75 V
• Active High Enable is CMOS Compatible

This device provides a reference voltage and acts as a DC feedback element around an external discrete, NPN BJT or N−Channel FET. It allows the external transistor to have its emitter/source directly grounded and still operate with a stable collector/drain DC current. It is primarily intended to stabilize the bias of discrete RF stages operating from a low voltage regulated supply, but can also be used to stabilize the bias current of any linear stage in order to eliminate emitter/source bypassing and achieve tighter bias regulation over temperature and unit variations. The “ENABLE” polarity nulls internal current, Enable current, and RF transistor current in “STANDBY.” This device is intended to replace a circuit of three to six discrete components.

The combination of low supply voltage, low quiescent current drain, and small package make the MDC5001T1 ideal for portable communications applications such as:
• Cellular Telephones
• Pagers
• PCN/PCS Portables
• GPS Receivers
• PCMCIA RF Modems
• Cordless Phones
• Broadband and Multiband Transceivers and Other Portable Wireless Products




Similar Part No. - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MDC5001T1 MOTOROLA-MDC5001T1 Datasheet
188Kb / 10P
SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
E-Tech Electronics LTD
MDC5001T1 ETL-MDC5001T1 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
More results


Similar Description - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA33V FAIRCHILD-KA33V Datasheet
90Kb / 8P
Voltage Stabilizer
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
List of Unclassifed Man...
TCA530 ETC-TCA530 Datasheet
267Kb / 7P
INTEGRATED VOLTAGE STABILIZER
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
logo
E-Tech Electronics LTD
MDC5001 ETL-MDC5001 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
Low Dropout 300mA Voltage Regulator with Enable
Revision 1.3 September 13, 2006
logo
Semtech Corporation
SC1541 SEMTECH-SC1541_09 Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
ON Semiconductor
KA33V ONSEMI-KA33V Datasheet
336Kb / 9P
Voltage Stabilizer
July 2013 Rev. 1.1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com