Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC280MTE4 Datasheet (PDF) - Microsemi Corporation

CD74HC280MTE4 Datasheet PDF - Microsemi Corporation
Part # CD74HC280MTE4
Download  CD74HC280MTE4 Download
File Size   83.54 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5 WATT GLASS ZENER DIODES

CD74HC280MTE4 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC280MTE4 Datasheet PDF - Microsemi Corporation

Part # CD74HC280MTE4
Download  CD74HC280MTE4 Click to download

File Size   83.54 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5 WATT GLASS ZENER DIODES

CD74HC280MTE4 Datasheet (HTML) - Microsemi Corporation


CD74HC280MTE4 Product details

DESCRIPTION

This Zener Voltage Regulator series is military qualified to MIL-PRF-19500/356 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 5 Watt Zener Voltage Regulators are hermetically sealed with voidless-glass construction using an internal metallurgical bond. It includes Zener selections from 3.3 to 390 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. They are also available in surface-mount packages (see separate data sheet for 1N4954US thru 1N4996US, 1N5968US thru 1N5969US, and 1N6632US thru 1N6637US). Microsemi also offers numerous other Zener products to meet higher and lower power ratings in both thru-hole and surface mount packages.



FEATURES

• Popular JEDEC registered series

• Voidless hermetically sealed glass package

• Extremely robust construction

• Triple-layer passivation

• Internal “Category I” Metallurgical bonds for 1N4954 thru 1N4996, and “Category III” for 1N6632 thru 1N6637 as well as 1N5968 thru 1N5959

• JAN, JANTX, JANTXV, and JANS available per MIL PRF-19500/356

• Surface mount equivalents also available in a square end-cap MELF configuration with “US” suffix (see separate data sheet for 1N4954US thru 1N4996US, 1N6632US thru 1N6637US and 1N5968US thru 1N5969US



APPLICATIONS / BENEFITS

• Regulates voltage over a broad operating current and temperature range

• Extensive selection from 3.3 to 390 V

• Standard voltage tolerances are plus/minus 5% with no suffix

• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively

• Flexible axial-lead mounting terminals

• Nonsensitive to ESD per MIL-STD-750 Method 1020

• Inherently radiation hard as described in Microsemi MicroNote 050



 




Similar Part No. - CD74HC280MTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC280MTE4 TI-CD74HC280MTE4 Datasheet
407Kb / 12P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
CD74HC280MTE4 TI-CD74HC280MTE4 Datasheet
435Kb / 12P
High-Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker
More results


Similar Description - CD74HC280MTE4

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
5 WATT ZENER DIODES
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
1.5 WATT GLASS ZENER DIODES
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
5 WATT ZENER DIODES
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
5 WATT GLASS ZENER DIODES
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
5 WATT GLASS ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
5 Watt ZENER DIODES
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
5 WATT GLASS ZENER DIODES
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
5 WATT ZENER DIODES
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
5 WATT GLASS ZENER DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com