Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4001 Datasheet (PDF) - AUK corp

SD4001 Datasheet PDF - AUK corp
Part # SD4001
Download  SD4001 Download
File Size   2254.64 Kbytes
Page   74 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description 4BIT MICRO CONTROLLER

SD4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD4001 Datasheet PDF - AUK corp

Part # SD4001
Download  SD4001 Click to download

File Size   2254.64 Kbytes
Page   74 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description 4BIT MICRO CONTROLLER

SD4001 Datasheet (HTML) - AUK corp


SD4001 Product details

Description

The SD4001 is CMOS LSI chips developed for world-wide FM / MW / LW tuning with PLL frequency

synthesizer system. The SD4001 can make a compact and high performance FM / MW / LW tuner

with clock function for high-end car stereo,   home stereo and so on because these CMOS LSIs are in

64-pin QFP package with built-in PLL frequency synthesizer, controller, 200 MHz prescaler, LCD

driver and IF counter.



Functions

Radio Functions

(1) Manual tuning 

    Manual tuning up/down ….. Stepped tuning an d rapid tuning.

(2) Auto tuning 

    Seek up/down ….. Retaining the frequency of a station received.

    Scan up/down ….. Receiving in intervals of 5 seconds.

(3) Preset memory scanning ….. Receiving the contents of preset memories on the FM, MW.

and LW bands for 5 seconds each.

(4) VF auto – tuning

    SK seek up/down …. Retaining the frequency of a SK signal received.

    SK scan up/down …. Receiving a station with SK signal in intervals of 5 seconds.

(5) Preset memories

    FM band …. FM 1:6 stations, RW 2:6 stations, FM 3:6 stations

    MW band … MW 1:6 stations, MW 2:6 stations

    LW band … 6 stations

    VF band …. 6 stations

    MW2 cannot be used while the LW band is used.

(6) Last-preset memories …… 1 station on the FM1, FM2, FM3, MW1, MW2, LW and VF

bands each.

(7) LOC (local) control signaloutputs and indications.

(8) FM MONO (monaural) control signal output and indication.(For VF bands, same as for FM)

(9) “ST” (stereo) indicator …… Enabled on the FM and VF bands.

(10) Auto-preset memories

(11) DK stand-by and SK alarm function



Tape Functions

(1)  Tape transport direction indictors ….. Can flash at 2 HZ during fast forward.

(2) AMS (auto music search) control signal output and indication.

(3) MTL (metal) control signal output and indication.

(4) NR1 (noise reduction) and NR2 control outputs and indications.



Functions (Continued)

CLOCK Functions

(1)  Selectable 12-hour(with AM and PM indicators) of 24-hour display.

(2)  Selectable flashing colon(;) (1Hz)

(3) Low-power (10µA) backup available in the NOCLK(no-clock)mode.



Others

(1)  LOUD (loudness) control signal output and indication ….. common to radio, tape and CD 

modes.

(2) Key acknowledge(beep) signal outputs (2.25 kHz, 40ms) ….. Enabled by valid 

momentary keys.

(3) Display selector and priority display function.

(4) ““ (complex disk) indicator.




Similar Part No. - SD4001

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD400 CALOGIC-SD400 Datasheet
23Kb / 2P
High-Speed Analog N-Channel/Enhancement-Mode DMOS FETS
logo
Sirectifier Semiconduct...
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
Discrete Diodes
SD400-01NFB SIRECTIFIER-SD400-01NFB Datasheet
342Kb / 2P
Discrete Diodes
SD400-01NRB SIRECTIFIER-SD400-01NRB Datasheet
342Kb / 2P
Discrete Diodes
SD400-02NFB SIRECTIFIER-SD400-02NFB Datasheet
342Kb / 2P
Discrete Diodes
More results


Similar Description - SD4001

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD4002 AUK-SD4002 Datasheet
2Mb / 74P
4BIT MICRO CONTROLLER
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
4BIT MICROCONTROLLER
logo
Rohm
BU24591 ROHM-BU24591 Datasheet
101Kb / 8P
4bit 1chip micro-controller for CD-DA
logo
List of Unclassifed Man...
WSM5K6 ETC-WSM5K6 Datasheet
227Kb / 12P
4BIT MICROCOMPUTER
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
4BIT MICROCONTROLLER
MN150413 ETC-MN150413 Datasheet
113Kb / 2P
Micro controller
logo
Silan Microelectronics ...
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73P1601 SILAN-SC73P1601 Datasheet
381Kb / 22P
4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
4bit LVDS Receiver
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com