Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6660 Datasheet (PDF) - ON Semiconductor

MCH6660 Datasheet PDF - ON Semiconductor
Part # MCH6660
Download  MCH6660 Download
File Size   769.08 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Dual Power MOSFET

MCH6660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH6660 Datasheet PDF - ON Semiconductor

Part # MCH6660
Download  MCH6660 Click to download

File Size   769.08 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Dual Power MOSFET

MCH6660 Datasheet (HTML) - ON Semiconductor


MCH6660 Product details

Features

• ON-resistance Nch : RDS(on)1=105mΩ(typ.)

                      Pch : RDS(on)1=205mΩ(typ.)

• 1.8V Drive

• ESD Diode - Protected Gate

• Pb-Free, Halogen Free and RoHS Compliance

• Ultrasmall Package MCPH6(2.0mm×2.1mm×0.85mmt)

• Nch MOSFET and Pch MOSFET are put in MCPH6 Package



Applications

• General-Purpose Switching Device Applications




Similar Part No. - MCH6660

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6660 SANYO-MCH6660 Datasheet
484Kb / 6P
General-Purpose Switching Device Applications
MCH6660-TL-H SANYO-MCH6660-TL-H Datasheet
601Kb / 9P
General-Purpose Switching Device Applications
MCH6660 SANYO-MCH6660_12 Datasheet
601Kb / 9P
General-Purpose Switching Device Applications
More results


Similar Description - MCH6660

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
DUAL COMPLEMENTARY MOSFET DRIVER
logo
ON Semiconductor
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
Complementary Dual CPH6 Power MOSFET
June, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
Power MOSFET Complementary Dual
July, 2013
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
Complementary Dual Power MOSFET
February, 2014
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
Complementary Dual Power MOSFET
August, 2013
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
Complementary Dual Power MOSFET
July, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com