| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NVMFD5877NLT1G
|
124Kb / 6P |
60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
November, 2013 ??Rev. 8 |
|
NTMFD4C85N
|
134Kb / 12P |
N-Channel SO8FL
August, 2015 ??Rev. 1 |
|
NTMFD4C86N
|
133Kb / 12P |
Dual N-Channel SO8FL
July, 2015 ??Rev. 1 |
|
NTMFD4C88N
|
127Kb / 12P |
Dual N-Channel SO8FL
August, 2015 ??Rev. 1 |
|
NTMFC013NP10M5L
|
287Kb / 13P |
MOSFET - Power, Dual N- & P-Channel, SO8FL
July, 2021 ??Rev. 0 |
|
NTMFD016N06C
|
225Kb / 8P |
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0 |
|
NTMFD020N06C
|
251Kb / 7P |
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0 |
|
NTMFD030N06C
|
252Kb / 7P |
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0 |
|
NTMFD5877NL
|
224Kb / 8P |
MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0 |
|
NVMFD020N06C
|
254Kb / 7P |
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1 |