Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0503SH Datasheet (PDF) - ON Semiconductor

SS0503SH Datasheet PDF - ON Semiconductor
Part # SS0503SH
Download  SS0503SH Download

File Size   320.77 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode

SS0503SH Datasheet (PDF)

Go To PDF Page Download Datasheet
SS0503SH Datasheet PDF - ON Semiconductor

Part # SS0503SH
Download  SS0503SH Click to download

File Size   320.77 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Diode

SS0503SH Datasheet (HTML) - ON Semiconductor

SS0503SH Datasheet HTML 1Page - ON Semiconductor SS0503SH Datasheet HTML 2Page - ON Semiconductor SS0503SH Datasheet HTML 3Page - ON Semiconductor SS0503SH Datasheet HTML 4Page - ON Semiconductor SS0503SH Datasheet HTML 5Page - ON Semiconductor SS0503SH Datasheet HTML 6Page - ON Semiconductor

SS0503SH Product details

Features
• Low forward voltage (IF=0.3A, VF max=0.42V) (IF=0.5A, VF max=0.47V)
• Ultrasmall package permitting applied sets to be small and slim

Applications
• High frequency rectification (switching regulators, converters, choppers)




Similar Part No. - SS0503SH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
More results


Similar Description - SS0503SH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com