Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37560MF Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37560MF Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37560MF
Download  M37560MF Download
File Size   955.91 Kbytes
Page   65 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37560MF Datasheet (PDF)

Go To PDF Page Download Datasheet
M37560MF Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37560MF
Download  M37560MF Click to download

File Size   955.91 Kbytes
Page   65 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37560MF Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37560MF Product details

DESCRIPTION
The 7560 group is the 8-bit microcomputer based on the 740 family core technology.
The 7560 group has the LCD drive control circuit, an 8-channel AD/D-A converter, UART and PWM as additional functions.
The various microcomputers in the 7560 group include variations of internal memory size and packaging. For details, refer to the section on part numbering.
For details on availability of microcomputers in the 7560 Group, refer the section on group expansion.

FEATURES
• Basic machine-language instructions ....................................... 71
• The minimum instruction execution time ............................ 0.5 µs
                                                       (at 8 MHz oscillation frequency)
• Memory size
   ROM ................................................................ 32 K to 60 K bytes
   RAM ............................................................... 1024 to 2560 bytes
• Programmable input/output ports ............................................. 55
• Software pull-up resistors .................................................... Built-in
• Output ports ................................................................................. 8
• Input ports .................................................................................... 1
• Interrupts .................................................. 17 sources, 16 vectors
   (includes key input interrupt)
• Timers ........................................................... 8-bit ✕ 3, 16-bit ✕ 2
• Serial I/O1 ..................... 8-bit ✕ 1 (UART or Clock-synchronous)
• Serial I/O2 .................................... 8-bit ✕ 1 (Clock-synchronous)
• PWM output .................................................................... 8-bit ✕ 1
• A-D converter .................................................. 8-bit ✕ 8 channels
• D-A converter .................................................. 8-bit ✕ 2 channels
• LCD drive control circuit
   Bias ................................................................................... 1/2, 1/3
   Duty ............................................................................ 1/2, 1/3, 1/4
   Common output .......................................................................... 4
   Segment output ......................................................................... 40
• 2 Clock generating circuits
   (connect to external ceramic resonator or quartz-crystal oscillator)
• Watchdog timer ............................................................. 14-bit ✕ 1
• Power source voltage ................................................ 2.2 to 5.5 V
• Power dissipation
   In high-speed mode ........................................................... 40 mW
          (at 8 MHz oscillation frequency, at 5 V power source voltage)
   In low-speed mode..............................................................60 µW
         (at 32 kHz oscillation frequency, at 3 V power source voltage)
• Operating temperature range ................................... – 20 to 85°C

APPLICATIONS
   Camera, household appliances, consumer electronics, etc.




Similar Part No. - M37560MF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37560MFA-XXXFP RENESAS-M37560MFA-XXXFP Datasheet
879Kb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560MFA-XXXGP RENESAS-M37560MFA-XXXGP Datasheet
879Kb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560MFD-XXXFP RENESAS-M37560MFD-XXXFP Datasheet
1Mb / 90P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560MFD-XXXFS RENESAS-M37560MFD-XXXFS Datasheet
1Mb / 90P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37560MFD-XXXGP RENESAS-M37560MFD-XXXGP Datasheet
1Mb / 90P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37560MF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com