Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP6332B Datasheet (PDF) - ON Semiconductor

NCP6332B Datasheet PDF - ON Semiconductor
Part # NCP6332B
Download  NCP6332B Download
File Size   260.2 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.2A Synchronous Buck Converter

NCP6332B Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP6332B Datasheet PDF - ON Semiconductor

Part # NCP6332B
Download  NCP6332B Click to download

File Size   260.2 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.2A Synchronous Buck Converter

NCP6332B Datasheet (HTML) - ON Semiconductor




Similar Part No. - NCP6332B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6332 ONSEMI-NCP6332_12 Datasheet
260Kb / 14P
3MHz, 1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
More results


Similar Description - NCP6332B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
logo
ON Semiconductor
NCP6332 ONSEMI-NCP6332_12 Datasheet
260Kb / 14P
3MHz, 1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
Major-Power Technology ...
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA6002 MPOWER-MA6002 Datasheet
286Kb / 9P
Dual 1.2A 1.5MHz Synchronous Buck Converter
MA5007 MPOWER-MA5007 Datasheet
190Kb / 2P
1.2A 1.5MHz Synchronous Buck Converter
Rev.1.0
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com