Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812SC223J4Z2A Datasheet (PDF) - AVX Corporation

1812SC223J4Z2A Datasheet PDF - AVX Corporation
Part # 1812SC223J4Z2A
Download  1812SC223J4Z2A Download
File Size   78.21 Kbytes
Page   2 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description For 600V to 3000V Automotive Applications

1812SC223J4Z2A Datasheet (PDF)

Go To PDF Page Download Datasheet
1812SC223J4Z2A Datasheet PDF - AVX Corporation

Part # 1812SC223J4Z2A
Download  1812SC223J4Z2A Click to download

File Size   78.21 Kbytes
Page   2 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description For 600V to 3000V Automotive Applications

1812SC223J4Z2A Datasheet (HTML) - AVX Corporation




Similar Part No. - 1812SC223J4Z2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1812SC223J-4T1A AVX-1812SC223J-4T1A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1812SC223J-4T3A AVX-1812SC223J-4T3A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1812SC223J-4Z1A AVX-1812SC223J-4Z1A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
1812SC223J-4Z3A AVX-1812SC223J-4Z3A Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
More results


Similar Description - 1812SC223J4Z2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808GC102KAT1A AVX-1808GC102KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
0805 AVX-0805 Datasheet
57Kb / 2P
For 600V to 3000V Applications
1825 AVX-1825 Datasheet
134Kb / 2P
For 600V to 5000V Applications
2220HC103KAZ1A AVX-2220HC103KAZ1A Datasheet
57Kb / 2P
High Voltage MLC Chips FLEXITERM For 600V to 3000V Applications
1206AC472KAT1A AVX-1206AC472KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1210GC222KAT1A AVX-1210GC222KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1812AC223KAT1A AVX-1812AC223KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
1812HC471KAT1A AVX-1812HC471KAT1A Datasheet
93Kb / 2P
For 600V to 5000V Applications
logo
Nell Semiconductor Co.,...
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
logo
AVX Corporation
1206AC222KAT1A AVX-1206AC222KAT1A_17 Datasheet
73Kb / 2P
For 600V to 3000V Automotive Applications ??AEC-Q200
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com