Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1857 Datasheet (PDF) - Rohm

2SD1857 Datasheet PDF - Rohm
Part # 2SD1857
Download  2SD1857 Download
File Size   43.82 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor

2SD1857 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1857 Datasheet PDF - Rohm

Part # 2SD1857
Download  2SD1857 Click to download

File Size   43.82 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor

2SD1857 Datasheet (HTML) - Rohm


2SD1857 Product details

Power Transistor (-120V, -1.5A) 2SB1236 / 2SB1186

Power Transistor (120V, 1.5A) 2SC4132 / 2SD1857 / 2SD2343 / 2SD1763




Similar Part No. - 2SD1857

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1857 ROHM-2SD1857 Datasheet
80Kb / 4P
Power Transistor (120V, 1.5A)
logo
Unisonic Technologies
2SD1857 UTC-2SD1857 Datasheet
35Kb / 2P
POWER TRANSISTOR
logo
Rohm
2SD1857 ROHM-2SD1857 Datasheet
164Kb / 3P
Power Transistor (120V, 2A)
logo
Unisonic Technologies
2SD1857 UTC-2SD1857 Datasheet
132Kb / 3P
POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SD1857 ISC-2SD1857 Datasheet
131Kb / 2P
Low collector output capacitance
More results


Similar Description - 2SD1857

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
POWER TRANSISTOR
1995
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
Power transistor
15-Nov-2006
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
Power Transistor
2SD2114K KEXIN-2SD2114K Datasheet
36Kb / 1P
Power Transistor
2SB1260 KEXIN-2SB1260 Datasheet
51Kb / 1P
Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
Power Transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
Power Transistor
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
Power Transistor
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com