Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT810F Datasheet (PDF) - JIEJIE MICROELECTRONICS CO.,Ltd

JCT810F Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd
Part # JCT810F
Download  JCT810F Download
File Size   397.19 Kbytes
Page   6 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 10A SCRs

JCT810F Datasheet (PDF)

Go To PDF Page Download Datasheet
JCT810F Datasheet PDF - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT810F
Download  JCT810F Click to download

File Size   397.19 Kbytes
Page   6 Pages
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd
Description 10A SCRs

JCT810F Datasheet (HTML) - JIEJIE MICROELECTRONICS CO.,Ltd


JCT810F Product details

DESCRIPTION:
JCT610/810 series of silicon controlled rectifiers, with high ability to withstand the shock loading of large current, provide high dv/dt rate with strong resistance to electromagnetic interference. They are especially recommended for use on solid state relay, motorcycle, power charger, T-tools etc.

JCTx10A provides insulation voltage rated at 2500V RMS and JCTx10F provides insulation voltage rated at 2000V RMS from all three terminals to external heatsink. JCTx10A/JCTx10F series comply with UL standards (File ref: E252906).




Similar Part No. - JCT810F

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT816 JIEJIE-JCT816 Datasheet
381Kb / 6P
16A SCRs
Rev.3.0
JCT816A JIEJIE-JCT816A Datasheet
381Kb / 6P
16A SCRs
Rev.3.0
JCT816B JIEJIE-JCT816B Datasheet
381Kb / 6P
16A SCRs
Rev.3.0
JCT816F JIEJIE-JCT816F Datasheet
381Kb / 6P
16A SCRs
Rev.3.0
JCT816H JIEJIE-JCT816H Datasheet
381Kb / 6P
16A SCRs
Rev.3.0
More results


Similar Description - JCT810F

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Tiger Electronic Co.,Lt...
TYN690 TGS-TYN690 Datasheet
338Kb / 1P
10A SCRs
logo
Nell Semiconductor Co.,...
10PT06AI NELLSEMI-10PT06AI Datasheet
146Kb / 5P
Stansard SCRs, 10A
logo
Thinki Semiconductor Co...
MCR310-10G THINKISEMI-MCR310-10G Datasheet
586Kb / 3P
SENSITIVE & STANDARD(10A SCRs)
logo
Nell Semiconductor Co.,...
10PT NELLSEMI-10PT_14 Datasheet
377Kb / 5P
Stansard SCRs, 10A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
10PT NELLSEMI-10PT Datasheet
335Kb / 5P
Stansard SCRs, 10A
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com