Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C025AV-25AI Datasheet (PDF) - Cypress Semiconductor

CY7C025AV-25AI Datasheet PDF - Cypress Semiconductor
Part # CY7C025AV-25AI
Download  CY7C025AV-25AI Download
File Size   241.77 Kbytes
Page   19 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM

CY7C025AV-25AI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C025AV-25AI Datasheet PDF - Cypress Semiconductor

Part # CY7C025AV-25AI
Download  CY7C025AV-25AI Click to download

File Size   241.77 Kbytes
Page   19 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM

CY7C025AV-25AI Datasheet (HTML) - Cypress Semiconductor


CY7C025AV-25AI Product details

Features

■ True dual-ported memory cells which enable simultaneous access of the same memory location

■ 4, 8 or 16K × 16 organization

■ (CY7C024AV/024BV [1]/ 025AV/026AV)

■ 4 or 8K × 18 organization (CY7C0241AV/0251AV)

■ 16K × 18 organization (CY7C036AV)

■ 0.35 micron CMOS for optimum speed and power

■ High speed access: 20 and 25 ns

■ Low operating power

   ❐ Active: ICC = 115 mA (typical)

   ❐ Standby: ISB3 = 10 μA (typical)

■ Fully asynchronous operation

■ Automatic power down

■ Expandable data bus to 32 bits, 36 bits or more using Master and Slave chip select when using more than one device

■ On chip arbitration logic

■ Semaphores included to permit software handshaking between ports

■ INT flag for port-to-port communication

■ Separate upper byte and lower byte control

■ Pin select for Master or Slave (M/S)

■ Commercial and industrial temperature ranges

■ Available in 100-pin Pb-free TQFP and 100-pin TQFP




Similar Part No. - CY7C025AV-25AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C025AV-25AI CYPRESS-CY7C025AV-25AI Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C025AV-25AI CYPRESS-CY7C025AV-25AI Datasheet
475Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Similar Description - CY7C025AV-25AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CYDC256B16 CYPRESS-CYDC256B16 Datasheet
610Kb / 26P
1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDM256A16 CYPRESS-CYDM256A16 Datasheet
499Kb / 25P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_09 Datasheet
571Kb / 24P
1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL Dual-Port Static RAM
CYDM064B16 CYPRESS-CYDM064B16_11 Datasheet
654Kb / 27P
1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_11 Datasheet
590Kb / 20P
3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM 4, 8 or 16K 횞 16 organization
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com