| Manufacturer | Part # | Datasheet | Description |
 Nell Semiconductor Co.,... |
NKD500
|
260Kb / 4P |
Standard Diodes, 500 A
|
 List of Unclassifed Man... |
LC1F185
|
71Kb / 3P |
TeSys F contactor - 3P(3 NO) - AC-3 - 440 V 185 A - without coil
|
|
LC1F330
|
72Kb / 3P |
330 A - without coil
|
 VACUUMSCHMELZE GmbH & C... |
T60404-N4644-X056
|
112Kb / 7P |
500 A - Stromsensor Modul
|
 Schneider Electric |
LC1F5007M7
|
147Kb / 2P |
contactor TeSys LC1-F - 3 poles - 500 A - AC-3 - 440V - coil 220 V AC
Apr 22, 2021 |
|
LC1F115
|
124Kb / 2P |
TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 115 A - without coil
Aug 11, 2019 |
|
LC1F265
|
124Kb / 2P |
TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 265 A - without coil
Aug 15, 2019 |
|
LC1F400
|
120Kb / 2P |
TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 400 A - without coil
Aug 17, 2019 |
|
LC1F630
|
122Kb / 2P |
TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 630 A - without coil
Aug 17, 2019 |
|
LC1F4002
|
121Kb / 2P |
TeSys F contactor - 2P(2 NO) - AC-1 - <= 440 V 500 A - without coil
Aug 15, 2019 |