Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KOD-1017 Datasheet (PDF) - KODENSHI_AUK CORP.

KOD-1017 Datasheet PDF - KODENSHI_AUK CORP.
Part # KOD-1017
Download  KOD-1017 Download
File Size   348.14 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photo diode IC

KOD-1017 Datasheet (PDF)

Go To PDF Page Download Datasheet
KOD-1017 Datasheet PDF - KODENSHI_AUK CORP.

Part # KOD-1017
Download  KOD-1017 Click to download

File Size   348.14 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photo diode IC

KOD-1017 Datasheet (HTML) - KODENSHI_AUK CORP.


KOD-1017 Product details

Features
• Low Voltage Operation (2.5V ~ 5.5V)
• Frequency Characteristics : 8 MHz (Typ)
• Built-in Trans-Impedence Amplifier (current-to-voltage conversion circuit)
• High PD Sensitivity
• Recommended Diode for CD Applications is an IR Laser Diode (λ =780nm)
• Supports Focus Servo (Astigmatism Method) and Tracking Servo (Three Beam Method)

Applications
• Optical Pick-up for Video CD-Players
• CD-ROM / CD-MP3 Players / CD Audio




Similar Part No. - KOD-1017

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOD-1016 KODENSHI-KOD-1016 Datasheet
270Kb / 2P
Photo diode IC
More results


Similar Description - KOD-1017

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOD-1016 KODENSHI-KOD-1016 Datasheet
270Kb / 2P
Photo diode IC
KOD-1081 KODENSHI-KOD-1081 Datasheet
290Kb / 2P
Photo diode IC
KOD-1082 KODENSHI-KOD-1082 Datasheet
295Kb / 2P
Photo diode IC
KOD-1086 KODENSHI-KOD-1086 Datasheet
318Kb / 2P
Photo diode IC
KOD-2410 KODENSHI-KOD-2410 Datasheet
202Kb / 2P
Photo diode IC
KOD-3005 KODENSHI-KOD-3005 Datasheet
187Kb / 2P
Photo diode IC
logo
Hamamatsu Corporation
S10604-200CT HAMAMATSU-S10604-200CT_15 Datasheet
537Kb / 7P
Photo IC diode
S9648-200SB HAMAMATSU-S9648-200SB_15 Datasheet
210Kb / 5P
Photo IC diode
S11154-201CT HAMAMATSU-S11154-201CT_15 Datasheet
294Kb / 8P
Photo IC diode
S11153-01MT HAMAMATSU-S11153-01MT_15 Datasheet
236Kb / 6P
Photo IC diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com