Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7997A Datasheet (PDF) - List of Unclassifed Manufacturers

7997A Datasheet PDF - List of Unclassifed Manufacturers
Part # 7997A
Download  7997A Download
File Size   108.25 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Category 5e Nonbonded-Pair Outside Plant Cable

7997A Datasheet (PDF)

Go To PDF Page Download Datasheet
7997A Datasheet PDF - List of Unclassifed Manufacturers

Part # 7997A
Download  7997A Click to download

File Size   108.25 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Category 5e Nonbonded-Pair Outside Plant Cable

7997A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 7997A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7997A BELDEN-7997A Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
7997A0101000 BELDEN-7997A0101000 Datasheet
164Kb / 2P
Category 5e OSP Cable, 4 Pair, U/UTP, Burial, Gel Filled
2022 Belden, Inc
More results


Similar Description - 7997A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1590A ETC2-1590A Datasheet
31Kb / 4P
Paired - Category 5e Unbonded-Pair Cable
1583ANH ETC2-1583ANH Datasheet
101Kb / 3P
Category 5e Nonbonded-Pair Cable
2412 ETC2-2412 Datasheet
115Kb / 5P
Enhanced Category 6 Nonbonded-Pair Cables
logo
Belden Inc.
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
1585A BELDEN-1585A Datasheet
266Kb / 3P
Category 5e Cable
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1212F BELDEN-1212F Datasheet
163Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
1213F BELDEN-1213F Datasheet
166Kb / 3P
Category 5E Cable, 4 Pair, F/UTP, CMP
2022 Belden, Inc
1533R BELDEN-1533R Datasheet
161Kb / 3P
Category 5e Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com