Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3454 Datasheet (PDF) - Silicon Laboratories

SI3454 Datasheet PDF - Silicon Laboratories
Part # SI3454
Download  SI3454 Download
File Size   1861.04 Kbytes
Page   57 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description QUAD IEEE 802.3AT POE PSE CONTROLLER

SI3454 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3454 Datasheet PDF - Silicon Laboratories

Part # SI3454
Download  SI3454 Click to download

File Size   1861.04 Kbytes
Page   57 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description QUAD IEEE 802.3AT POE PSE CONTROLLER

SI3454 Datasheet (HTML) - Silicon Laboratories


SI3454 Product details

Description
The Si3454 is a fully-programmable, four-port power management controller for IEEE 802.3 compliant Power Sourcing Equipment (PSE). Designed for use in PSE endpoint (switches), the Si3454 integrates four independent ports, each with IEEE-required powered device (PD) detection and classification functionality. In addition, the Si3454 features a fully-programmable architecture that enables powered device (PD) disconnect using a dc sense algorithm, a robust multipoint detection algorithm, software-configurable per-port current and voltage monitoring, and programmable current limits to support the IEEE 802.3at standard. Intelligent protection circuitry includes input undervoltage detection, output current limit, and short-circuit protection. The Si3454 operates by host processor control through a three-wire, I2C-compatible serial interface. Independent serial data input and output pins enable high voltage isolation through external isolators. An interrupt pin is used to alert the host processor of various status and fault conditions. The device also supports a pin-selectable AUTO mode for autonomous operation, without the need for a host processor. The Si3454 also features an onchip dc-dc converter for creating the digital voltage rail from the PoE voltage, thus enabling single-rail power operation.

Features
■ Quad-Port Power Sourcing Equipment (PSE) controller
■ IEEE 802.3at Type I and II compliant
■ Port priority shutdown control
■ Adds enhanced features for maximum design flexibility:
• Per-port current and voltage monitoring
• PoE Plus support with programmable current limits
• Multi-point detection
• Programmable power MOSFET gate drive control
• Configurable watchdog timer enables failsafe operation
■ Maskable interrupt pin
■ Comprehensive fault protection circuitry includes:
• Power undervoltage lockout
• Output current limit and short circuit protection
• Thermal overload detection
■ Supports pin-selectable AUTO mode
■ Extended operating temp range: –40 to +85 °C
■ 5x7 mm 38-pin QFN package (RoHS-compliant)
■ On-chip dc-dc converter enables single-rail power operation

Applications
■ IEEE Power Sourcing Equipment (PSE)
■ Power over Ethernet (PoE) Switches
■ IP Phone Systems
■ Smartgrid Switches
■ Ruggedized and Industrial Switches




Similar Part No. - SI3454

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3454 FAIRCHILD-SI3454 Datasheet
122Kb / 5P
N-Channel PowerTrench MOSFET
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
SI3454-B01-IM SKYWORKS-SI3454-B01-IM Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Vishay Siliconix
SI3454ADV VISHAY-SI3454ADV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
15-Mar-04
SI3454ADV-T1 VISHAY-SI3454ADV-T1 Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
15-Mar-04
More results


Similar Description - SI3454

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com