Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC6505LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC6505LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC6505LC5
Download  HMC6505LC5 Download
File Size   1644.14 Kbytes
Page   18 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz

HMC6505LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6505LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC6505LC5
Download  HMC6505LC5 Click to download

File Size   1644.14 Kbytes
Page   18 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz

HMC6505LC5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC6505LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6505A AD-HMC6505A Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
HMC6505ALC5 AD-HMC6505ALC5 Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
HMC6505ALC5TR AD-HMC6505ALC5TR Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
HMC6505ALC5TR-R5 AD-HMC6505ALC5TR-R5 Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
More results


Similar Description - HMC6505LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E Datasheet
1Mb / 10P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
HMC951LP4E HITTITE-HMC951LP4E_11 Datasheet
836Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
logo
Analog Devices
HMC951BLP4E AD-HMC951BLP4E Datasheet
1Mb / 16P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC6505A AD-HMC6505A Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com