Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37702M2LXXXGP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37702M2LXXXGP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37702M2LXXXGP
Download  M37702M2LXXXGP Download
File Size   272.98 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M37702M2LXXXGP Datasheet (PDF)

Go To PDF Page Download Datasheet
M37702M2LXXXGP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37702M2LXXXGP
Download  M37702M2LXXXGP Click to download

File Size   272.98 Kbytes
Page   20 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M37702M2LXXXGP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37702M2LXXXGP Product details

DESCRIPTION
The M37702M2LXXXGP is a single-chip 16-bit microcomputer designed with high-performance CMOS silicon gate technology. This is housed in a small 80-pin plastic molded QFP. This single-chip microcomputer has a large 16 M bytes address space, three instruction queue buffers, and two data buffers for high-speed instruction execution. The CPU is a 16-bit parallel processor that can also be switched to perform 8-bit parallel processing. This microcomputer is suitable for communication, office, business and industrial equipment controller that require high-speed processing of large data.

FEATURES
• Number of basic instructions ..................................................103
• Memory size ROM ................................................ 16 K bytes
                        RAM ................................................. 512 bytes
• Instruction execution time
   The fastest instruction at 8 MHz frequency ....................... 500 ns
• Single low supply voltage ........................................... 2.7 – 5.5 V
• Low power dissipation
   (At 3 V supply voltage, 8 MHz frequency) .............. 12 mW (Typ.)
   (At 5 V supply voltage, 8 MHz frequency) .............. 30 mW (Typ.)
• Wide operating temperature range ............................. –40 – 80°C
• Interrupts ............................................................ 19 types 7 levels
• Multiple function 16-bit timer ................................................ 5 + 3
• UART (may also be synchronous) .............................................. 2
• 8-bit A-D converter ............................................. 8-channel inputs
• 12-bit watchdog timer
• Programmable input/output
   (ports P0, P1, P2, P3, P4, P5, P6, P7, P8) .............................. 68
• Small package
   M37702M2LXXXGP, M37702S1LGP
   .................................................. 80-pin QFP (0.65 mm lead pitch)
   M37702M2LXXXHP, M37702S1LHP
   .................................... 80-pin fine-pitch QFP (0.5 mm lead pitch)

APPLICATION
   Control devices for communication equipment such as cellular radio telephones, cordless telephones, and radio communications Control devices for office equipment such as copiers, printers, typewriters, facsimiles, word processors, and personal computers Control devices for industrial equipments such as ME, NC, and measuring instruments




Similar Part No. - M37702M2LXXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37702M2LXXXGP RENESAS-M37702M2LXXXGP Datasheet
278Kb / 21P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37702M2LXXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com