Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MZ2048EFH144 Datasheet (PDF) - Microchip Technology

PIC32MZ2048EFH144 Datasheet PDF - Microchip Technology
Part # PIC32MZ2048EFH144
Download  PIC32MZ2048EFH144 Download
File Size   165.98 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MZ EC and PIC32MZ EF Bluetooth짰 Audio 144-pin to 100-pin TQFP Plug-In Module

PIC32MZ2048EFH144 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC32MZ2048EFH144 Datasheet PDF - Microchip Technology

Part # PIC32MZ2048EFH144
Download  PIC32MZ2048EFH144 Click to download

File Size   165.98 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC32MZ EC and PIC32MZ EF Bluetooth짰 Audio 144-pin to 100-pin TQFP Plug-In Module

PIC32MZ2048EFH144 Datasheet (HTML) - Microchip Technology


PIC32MZ2048EFH144 Product details

32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog

Operating Conditions
• 2.2V to 3.6V, -40ºC to +85ºC, DC to 200 MHz
• 2.2V to 3.6V, -40ºC to +125ºC (Planned)

Core: 200 MHz (up to 330 DMIPS) microAptiv™
• 16 KB I-Cache, 4 KB D-Cache
• MMU for optimum embedded OS execution
• microMIPS™ mode for up to 35% smaller code size
• DSP-enhanced core:
   - Four 64-bit accumulators
   - Single-cycle MAC, saturating and fractional math
• Code-efficient (C and Assembly) architecture

Clock Management
• 0.9% internal oscillator
• Programmable PLLs and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timers (WDT) and Deadman
   Timer (DMT)
• Fast wake-up and start-up

Power Management
• Low-power modes (Sleep and Idle)
• Integrated Power-on Reset and Brown-out Reset

Memory Interfaces
• 50 MHz External Bus Interface (EBI)
• 50 MHz Serial Quad Interface (SQI)

Audio and Graphics Interfaces
• Graphics interfaces: EBI or PMP
• Audio data communication: I2S, LJ, and RJ
• Audio control interfaces: SPI and I2C™
• Audio master clock: Fractional clock frequencies with USB
   synchronization

High-Speed (HS) Communication Interfaces(with Dedicated DMA)
• USB 2.0-compliant Hi-Speed On-The-Go (OTG) controller
• 10/100 Mbps Ethernet MAC with MII and RMII interface

Security Features
• Crypto Engine with a RNG for data encryption/decryption
   and authentication (AES, 3DES, SHA, MD5, and HMAC)
• Advanced memory protection:
   - Peripheral and memory region access control

Direct Memory Access (DMA)
• Eight channels with automatic data size detection
• Programmable Cyclic Redundancy Check (CRC)

Advanced Analog Features
• 12-bit ADC module:
   - 28 Msps with six Sample and Hold (S&H) circuits
   - Up to 48 analog inputs
• Flexible and independent ADC trigger sources
• Two comparators with 32 programmable voltage references
• Temperature sensor with ±2ºC accuracy (Continue ...)




Similar Part No. - PIC32MZ2048EFH144

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MZ2048EFH144 MICROCHIP-PIC32MZ2048EFH144 Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
PIC32MZ2048EFH144-250I/PL MICROCHIP-PIC32MZ2048EFH144-250I/PL Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
PIC32MZ2048EFH144-I/PL MICROCHIP-PIC32MZ2048EFH144-I/PL Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
PIC32MZ2048EFH144T-I/PH MICROCHIP-PIC32MZ2048EFH144T-I/PH Datasheet
5Mb / 718P
32-bit MCUs (up to 2 MB Live-Update Flash and 512 KB SRAM) with FPU, Audio and Graphics Interfaces, HS USB, Ethernet, and Advanced Analog
07/14/15
More results


Similar Description - PIC32MZ2048EFH144

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-FLX-144NSE RENESAS-M3T-FLX-144NSE Datasheet
290Kb / 1P
Converter for Connecting 160-core Flexible Board FLX160 to 144-pin 0.5mm-pitch TQFP
logo
Microchip Technology
DSPIC33EP512MU810 MICROCHIP-DSPIC33EP512MU810 Datasheet
461Kb / 10P
dsPIC33EP512MU810 and PIC24EP512GU810 100-pin TQFP to 100-pin Plug-In Module (PIM)
2011
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
WT32 Bluetooth짰 Audio Module?
PA16C64-QD-03 ETC2-PA16C64-QD-03 Datasheet
39Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
PA17C42-QD-03 ETC2-PA17C42-QD-03 Datasheet
30Kb / 1P
44 pin PQFP or TQFP socket/40 pin DIP 0.6" plug
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
144-pin TQFP (117 user I/O pins)
logo
Microchip Technology
DSPIC33EP512GM710 MICROCHIP-DSPIC33EP512GM710 Datasheet
177Kb / 6P
dsPIC33EP512GM710 100-Pin TQFP to 100-Pin Plug-In Module (PIM) Information Sheet
11/29/12
PIC32MX270F256D MICROCHIP-PIC32MX270F256D Datasheet
183Kb / 8P
PIC32MX270F256D Bluetooth짰 Audio 44-pin to 100-pinTQFP Plug-In Module (PIM) Information Sheet
03/25/14
PIC32MX270F512L MICROCHIP-PIC32MX270F512L Datasheet
186Kb / 6P
PIC32MX270F512L Bluetooth짰 Audio 100-pin to 100-pinTQFPPlug-In Module (PIM) Information Sheet
03/25/14
PIC32MX570F512L MICROCHIP-PIC32MX570F512L Datasheet
155Kb / 8P
PIC32MX570F512L 100-pin to 100-pin TQFP CAN-USB Plug-In Module (PIM) Information Sheet
03/25/14
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com