Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA420 Datasheet (PDF) - Infineon Technologies AG

BGA420 Datasheet PDF - Infineon Technologies AG
Part # BGA420
Download  BGA420 Download
File Size   139.2 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Si-MMIC-Amplifier in SIEGET 25-Technologie

BGA420 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA420 Datasheet PDF - Infineon Technologies AG

Part # BGA420
Download  BGA420 Click to download

File Size   139.2 Kbytes
Page   6 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Si-MMIC-Amplifier in SIEGET 25-Technologie

BGA420 Datasheet (HTML) - Infineon Technologies AG


BGA420 Product details

Si-MMIC-Amplifier in SIEGET® 25-Technologie

• Cascadable 50 Ω-gain block
• Unconditionally stable
• Gain |S21|2 = 13 dB at 1.8 GHz IP3out = +13 dBm at 1.8 GHz (VD = 3 V, ID = typ. 6.7 mA)
• Noise figure NF = 2.2 dB at 1.8 GHz
• Reverse isolation > 28 dB and return loss IN / OUT > 12 dB at 1.8 GHz
• Pb-free (RoHS compliant) package




Similar Part No. - BGA420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420 Datasheet
166Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
More results


Similar Description - BGA420

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
logo
Siemens Semiconductor G...
BGA420 SIEMENS-BGA420 Datasheet
38Kb / 6P
Si-MMIC-Amplifierin SIEGET 25-Technologie (Cascadable 50 廓-gain block Unconditionally stable)
BGA425 SIEMENS-BGA425 Datasheet
81Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie (Multifunctional casc. 50 廓 block LNA / MIX Unconditionally stable)
BGA427 SIEMENS-BGA427 Datasheet
35Kb / 5P
Si-MMIC-Amplifier in SIEGET 25-Technologie (Cascadable 50 W-gain block Unconditionally stable)
logo
Infineon Technologies A...
BGA427 INFINEON-BGA427 Datasheet
58Kb / 5P
Si-MMIC-Amplifier in SIEGET 25-Technologie
Aug-02-2001
logo
NEC
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
3 V, 900 MHz Si MMIC AMPLIFIER
logo
Infineon Technologies A...
BGA420 INFINEON-BGA420_07 Datasheet
166Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA427 INFINEON-BGA427_07 Datasheet
165Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2007-07-12
BGA420E6327 INFINEON-BGA420E6327 Datasheet
553Kb / 8P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-07-26
BGA427H6327XTSA1 INFINEON-BGA427H6327XTSA1 Datasheet
548Kb / 7P
Si-MMIC-Amplifier in SIEGET 25-Technologie
2011-09-15
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com