Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDDJE11600 Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SDDJE11600 Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SDDJE11600
Download  SDDJE11600 Download
File Size   1007.13 Kbytes
Page   6 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 10A 250V AC Qualified Type

SDDJE11600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDDJE11600 Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SDDJE11600
Download  SDDJE11600 Click to download

File Size   1007.13 Kbytes
Page   6 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 10A 250V AC Qualified Type

SDDJE11600 Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.




Similar Part No. - SDDJE11600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE11600 ALPS-SDDJE11600 Datasheet
182Kb / 5P
10A 250V AC Qualified Type
More results


Similar Description - SDDJE11600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
0.5A 125V AC Qualified Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
logo
Eldeco Srl
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 10A
logo
ALPS ELECTRIC CO.,LTD.
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
16A 250V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
0.5A 125V AC Qualified Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com