Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1005FCT Datasheet (PDF) - Frontier Electronics.

SF1005FCT Datasheet PDF - Frontier Electronics.
Part # SF1005FCT
Download  SF1005FCT Download
File Size   1686.11 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 10A SUPER FAST RECOVERY RECTIFIER 50V-600V

SF1005FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1005FCT Datasheet PDF - Frontier Electronics.

Part # SF1005FCT
Download  SF1005FCT Click to download

File Size   1686.11 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 10A SUPER FAST RECOVERY RECTIFIER 50V-600V

SF1005FCT Datasheet (HTML) - Frontier Electronics.


SF1005FCT Product details

PRODUCT FEATURES

1. FLAMMABILITY CLASSIFICATION: 94V-0
2. GLASS PASSIVATED CHIP JUNCTION
3. LOW FORWARD VOLTAGE DROP
4. HIGH SURGE CURRENT CAPABILITY
5. LOW LOSSES
6. CASE: TRANSFER MOLDED, ITO-220AB
7. POLARITY: AS MARKED
8. WEIGHT: 1.70 GRAMS
9. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
10. RoHS, SUFFIX "-H" INDICATES HALOGEN FREE PARTS




Similar Part No. - SF1005FCT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF1005FCT PACELEADER-SF1005FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF1005FCT YEASHIN-SF1005FCT Datasheet
86Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
logo
Formosa MS
SF1005FCT FORMOSA-SF1005FCT Datasheet
101Kb / 6P
Super Fast Recovery Rectifiers
More results


Similar Description - SF1005FCT

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
SF10L60U SHINDENGEN-SF10L60U Datasheet
333Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
logo
Frontier Electronics.
SFF100-03 FRONTIER-SFF100-03 Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
SFF100-03-LFR FRONTIER-SFF100-03-LFR Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
SFF100-005CT FRONTIER-SFF100-005CT Datasheet
131Kb / 2P
10A DUAL SUPER FAST RECOVERY RECTIFIER
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
16A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
20A SUPER FAST RECOVERY RECTIFIER 50V-600V
SFF100-03CT FRONTIER-SFF100-03CT_16 Datasheet
1Mb / 2P
10A DUAL SUPER FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1A PACELEADER-ES1A_17 Datasheet
431Kb / 2P
1.0A Surface Mount Super Fast Recovery Rectifier 50V~600V
logo
Taiwan Semiconductor Co...
SFS1001GH TSC-SFS1001GH Datasheet
590Kb / 6P
10A, 50V - 600V Super Fast Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com