Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXF4336 Datasheet (PDF) - Infineon Technologies AG

PXF4336 Datasheet PDF - Infineon Technologies AG
Part # PXF4336
Download  PXF4336 Download
File Size   6279.14 Kbytes
Page   425 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ABM Premium ATM Buf fer Manager

PXF4336 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXF4336 Datasheet PDF - Infineon Technologies AG

Part # PXF4336
Download  PXF4336 Click to download

File Size   6279.14 Kbytes
Page   425 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ABM Premium ATM Buf fer Manager

PXF4336 Datasheet (HTML) - Infineon Technologies AG


PXF4336 Product details

Overview
The ABM-P PXF 4336 Version 1.1 is Infineon’s new generation ATM Buffer Manager device. It addresses the performance needs of new multi-service platforms with combined ATM cell and packet-handling applications. The ABM-P manages ATM traffic flowing through multi-service platforms in which voice, video, and data traffic converge.

Features
• ATM Traffic Management processing support up to STM-4/OC-12 equivalent bandwidth
• Throughput at UTOPIA Interface up to 687 Mbit/s transmit, 795 Mbit/s receive
• Speed-up factor relative to STM-4/OC12: 1.32
• Uni-directional mode with combined resources of both directions (optional)
• 256K cells buffer per direction (configurable in guaranteed and shared buffer)
• Up to 16384 connections arbitrarily assignable to queues for sharing connections and saving resources
• Up to 8192 queues per direction, individually assignable to schedulers and to traffic classes
• Up to 128 Scheduler Blocks (SB) per direction with programmable service rates, individually assignable to UTOPIA ports
• The ABM-P is cascadable to provide up to 512 schedulers, 32K queues, and 1M cell memories per direction
• Up to 16 traffic classes with individually-selectable thresholds for highest service differentiation
• Up to 48 ports per UTOPIA Interface
• Standards-compliant support for the following ATM Forum service categories: CBR, rt-VBR, nrt-VBR, GFR, ABR (EFCI, CI/NI relative marking, ER, VS/VD, RSC), UBR, UBR+
• Generic PHB (Per Hop Behavior) characteristics are configurable (PHB traffic class is not standardized)
• Configurable cell-address translation modes




Similar Part No. - PXF4336

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4333 INFINEON-PXF4333 Datasheet
5Mb / 361P
ABM 3G ATM Buf fer Manager
V 1.1 December 2001
PXF4333V11 INFINEON-PXF4333V11 Datasheet
5Mb / 361P
ABM 3G ATM Buf fer Manager
V 1.1 December 2001
More results


Similar Description - PXF4336

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
Packet/ATM Traffic Manager and Switch
logo
Infineon Technologies A...
PXF4333 INFINEON-PXF4333 Datasheet
5Mb / 361P
ABM 3G ATM Buf fer Manager
V 1.1 December 2001
logo
PMC-Sierra, Inc
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
ATM/PACKET Traffic Manager and Switch
logo
Adels-Contact
147452 ADELS-147452 Datasheet
121Kb / 2P
AC 164 BUF/ 2 white
09/12/2019
147454 ADELS-147454 Datasheet
122Kb / 2P
AC 164 BUF/ 4 white
09/12/2019
147455 ADELS-147455 Datasheet
122Kb / 2P
AC 164 BUF/ 5 white
09/12/2019
147464 ADELS-147464 Datasheet
125Kb / 2P
AC 164 BUF/ 4 black
09/12/2019
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com