Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3AS-12 Datasheet (PDF) - Kersemi Electronic Co., Ltd.

BCR3AS-12 Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # BCR3AS-12
Download  BCR3AS-12 Download
File Size   1227.07 Kbytes
Page   13 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Planar Passivation Type

BCR3AS-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR3AS-12 Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # BCR3AS-12
Download  BCR3AS-12 Click to download

File Size   1227.07 Kbytes
Page   13 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Planar Passivation Type

BCR3AS-12 Datasheet (HTML) - Kersemi Electronic Co., Ltd.


BCR3AS-12 Product details

Features
• IT(RMS) : 3 A
• VDRM : 600 V
• IFGT I, IRGT I, IRGT III : 15 mA
• Non-Insulated Type
• Planar Passivation Type

Applications
    Hybrid IC, solid state relay, switching mode power supply, light dimmer, electric fan, electric blanket, control of household equipment such as washing machine, and other general purpose control applications




Similar Part No. - BCR3AS-12

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
BCR3AS-12 TECCOR-BCR3AS-12 Datasheet
2Mb / 223P
Thyristor Product Catalog
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A Datasheet
112Kb / 7P
Triac Low Power Use
BCR3AS-12A-A1 RENESAS-BCR3AS-12A-A1 Datasheet
112Kb / 7P
Triac Low Power Use
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
Triac Low Power Use
BCR3AS-12B RENESAS-BCR3AS-12B Datasheet
124Kb / 8P
Triac Low Power Use
More results


Similar Description - BCR3AS-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
LOW POWER USE PLANAR PASSIVATION TYPE
logo
Kersemi Electronic Co.,...
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
Planar Passivation Type
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
Planar Passivation Type
BCR3KM-14L KERSEMI-BCR3KM-14L Datasheet
665Kb / 7P
Planar Passivation Type
BCR16KM-12LA KERSEMI-BCR16KM-12LA Datasheet
1,006Kb / 7P
Planar Passivation Type
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
Planar Passivation Type
CR6KM-12A KERSEMI-CR6KM-12A Datasheet
607Kb / 6P
Planar Passivation Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com