| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGHV27200
|
696Kb / 11P |
200 W, 2500-2700 MHz, GaN HEMT for LTE
Rev 0.1 |
|
CGH21120F
|
1Mb / 13P |
120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.1 |
|
CGH21240F
|
1Mb / 15P |
240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev 3.0 |
|
CGH25120F
|
1Mb / 12P |
120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
Rev 3.1 |
|
CGHV22100
|
1,006Kb / 11P |
100 W, 1800-2200 MHz, GaN HEMT for LTE
Rev 2.0 |
|
CGHV27100
|
1Mb / 11P |
100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
Rev 1.0 |
|
CGHV27200
|
1Mb / 12P |
200 W, 2500-2700 MHz, GaN HEMT for LTE
Rev 1.0 |
|
CGHV40200PP
|
713Kb / 13P |
200 W, 50 V, GaN HEMT
|
 WOLFSPEED, INC. |
CGHV14500
|
3Mb / 20P |
500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27 |
|
CGHV40200PP
|
1Mb / 12P |
200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8 |