Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV50200F Datasheet (PDF) - Cree, Inc

CGHV50200F Datasheet PDF - Cree, Inc
Part # CGHV50200F
Download  CGHV50200F Download
File Size   2814.28 Kbytes
Page   15 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description 200 W, 4400 - 5000 MHz, 50-Ohm Input

CGHV50200F Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV50200F Datasheet PDF - Cree, Inc

Part # CGHV50200F
Download  CGHV50200F Click to download

File Size   2814.28 Kbytes
Page   15 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description 200 W, 4400 - 5000 MHz, 50-Ohm Input

CGHV50200F Datasheet (HTML) - Cree, Inc




Similar Part No. - CGHV50200F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV50200F WOLFSPEED-CGHV50200F Datasheet
1Mb / 15P
200 W, 4.4 - 5.0 GHz, 50-Ohm Input/Output Matched, GaN HEMT
Rev. 3.2, 2022-12-8
More results


Similar Description - CGHV50200F

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
logo
Stealth Microwave, Inc.
SM4450-37HS STEALTH_MICROWAVE-SM4450-37HS Datasheet
93Kb / 3P
4400 - 5000 MHz 5 Watt Linear Power Amplifier
SM4450-37S STEALTH_MICROWAVE-SM4450-37S Datasheet
93Kb / 3P
4400 - 5000 MHz 5 Watt Linear Power Amplifier
SM4450-43 STEALTH_MICROWAVE-SM4450-43 Datasheet
250Kb / 2P
4400-5000 MHz X Watt Linear Power Amplifier
logo
Pasternack Enterprises,...
PE51135 PASTERNACK-PE51135 Datasheet
81Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
logo
Cree, Inc
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
240 W, 2700-3100 MHz, 50-ohm Input
Rev 2.0
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
240 W, 3100-3500 MHz, 50-ohm Input/
Rev 3.0
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
500 W, 2700 - 3100 MHz, 50-Ohm Input
Rev 1.0
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
400 W, 2900 - 3500 MHz, 50-Ohm Input
Rev 2.0
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
350 W, 5200 - 5900 MHz, 50-Ohm Input
Rev 0.0
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com