| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH31240F
|
2Mb / 12P |
240 W, 2700-3100 MHz, 50-ohm Input
Rev 2.0 |
|
CGHV31500F
|
722Kb / 10P |
500 W, 2700 - 3100 MHz, 50-Ohm Input
Rev 1.0 |
|
CGHV59350
|
3Mb / 12P |
350 W, 5200 - 5900 MHz, 50-Ohm Input
Rev 0.0 |
|
CGHV96100F2
|
1Mb / 13P |
100 W, 7.9 - 9.6 GHz, 50-ohm, Input
Rev 2.0 |
|
CGHV96050F2
|
1Mb / 13P |
50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
|
 WOLFSPEED, INC. |
CGHV50200F
|
1Mb / 15P |
200 W, 4.4 - 5.0 GHz, 50-Ohm Input/Output Matched, GaN HEMT
Rev. 3.2, 2022-12-8 |
|
CGHV96050F1
|
1Mb / 13P |
50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.3, 2022-12-13 |
|
CGHV96050F2
|
1Mb / 13P |
50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.5, 2022-12-13 |
|
CGHV96100F2
|
1Mb / 13P |
100 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.2, 2022-12-8 |
|
CGHV96130F
|
1Mb / 13P |
130 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.0, 2022-8-25 |