Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMF2893RGX01 Datasheet (PDF) - Vishay Siliconix

VSMF2893RGX01 Datasheet PDF - Vishay Siliconix
Part # VSMF2893RGX01
Download  VSMF2893RGX01 Download
File Size   212.51 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH

VSMF2893RGX01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMF2893RGX01 Datasheet PDF - Vishay Siliconix

Part # VSMF2893RGX01
Download  VSMF2893RGX01 Click to download

File Size   212.51 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH

VSMF2893RGX01 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - VSMF2893RGX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMF2893SLX01 VISHAY-VSMF2893SLX01 Datasheet
154Kb / 6P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs, DH
26-Feb-13
More results


Similar Description - VSMF2893RGX01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMF2890RGX01 VISHAY-VSMF2890RGX01 Datasheet
157Kb / 8P
High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH
13-Apr-11
VSMG2000X01 VISHAY-VSMG2000X01 Datasheet
145Kb / 8P
High Speed Infrared Emitting Diodes, 850 nm, GaAlAs, DH
28-Jan-10
VSMG10850 VISHAY-VSMG10850 Datasheet
293Kb / 2P
High Speed Infrared Emitting Diode, 850 nm, GaAlAs, DH
VSMB2020X01 VISHAY-VSMB2020X01 Datasheet
146Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH
23-Aug-11
VSMF2893SLX01 VISHAY-VSMF2893SLX01 Datasheet
154Kb / 6P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs, DH
26-Feb-13
VSMG285011RG VISHAY-VSMG285011RG Datasheet
199Kb / 9P
High Speed Infrared Emitting Diodes, 850 nm, GaAlAs, DH
05-Aug-14
VSMF2890RGX01 VISHAY-VSMF2890RGX01_13 Datasheet
165Kb / 8P
High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH
23-Jan-13
VSMG2000X01 VISHAY-VSMG2000X01_13 Datasheet
160Kb / 8P
High Speed Infrared Emitting Diodes, 850 nm, GaAlAs, DH
23-Jan-13
VSMB2020X01 VISHAY-VSMB2020X01_V01 Datasheet
149Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH
23-Aug-11
VSMB2020X01 VISHAY-VSMB2020X01_V02 Datasheet
148Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH
23-Aug-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com