Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3TG Datasheet (PDF) - Kersemi Electronic Co., Ltd.

DB3TG Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # DB3TG
Download  DB3TG Download
File Size   395.41 Kbytes
Page   4 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Breakover voltage range: 30 to 34V

DB3TG Datasheet (PDF)

Go To PDF Page Download Datasheet
DB3TG Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # DB3TG
Download  DB3TG Click to download

File Size   395.41 Kbytes
Page   4 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Breakover voltage range: 30 to 34V

DB3TG Datasheet (HTML) - Kersemi Electronic Co., Ltd.


DB3TG Product details

DESCRIPTION
Functioning as a trigger diode with a fixed voltage reference, the DB3TG can be used in conjunction with triacs for simplified gate control circuits or as a starting element in fluorescent lamp ballasts.

FEATURES
■ VBO : 32V
■ Low breakover current: 15µA max
■ Breakover voltage range: 30 to 34V




Similar Part No. - DB3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3TG STMICROELECTRONICS-DB3TG Datasheet
51Kb / 4P
DIAC
Oct-2001
logo
Taiwan Semiconductor Co...
DB3TG TSC-DB3TG Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
logo
Micro Commercial Compon...
DB3TG MCC-DB3TG Datasheet
115Kb / 3P
SILICON BIDIRECTIONAL DIAC
DB3TG MCC-DB3TG Datasheet
131Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
DB3TGRI TSC-DB3TGRI Datasheet
85Kb / 2P
150mW Bi-directional Trigger Diode
More results


Similar Description - DB3TG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
Breakover Diodes
logo
National Semiconductor ...
LM5046 NSC-LM5046_1 Datasheet
3Mb / 14P
Input operating range: 36V to 75V Line UVLO (34V/32V on/off)
logo
Texas Instruments
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
Breakover Diodes
logo
Texas Instruments
LP239 TI1-LP239_14 Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
logo
IXYS Corporation
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
Breakover Diode Gen
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com