Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1N137S Datasheet (PDF) - Isahaya Electronics Corporation

RT1N137S Datasheet PDF - Isahaya Electronics Corporation
Part # RT1N137S
Download  RT1N137S Download
File Size   473.41 Kbytes
Page   3 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type

RT1N137S Datasheet (PDF)

Go To PDF Page Download Datasheet
RT1N137S Datasheet PDF - Isahaya Electronics Corporation

Part # RT1N137S
Download  RT1N137S Click to download

File Size   473.41 Kbytes
Page   3 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type

RT1N137S Datasheet (HTML) - Isahaya Electronics Corporation


RT1N137S Product details

DESCRIPTION
RT1N137S is a one chip transistor with built-in bias resistor, NPN type is RT1P137S.

FEATURE
   Built-in bias resistor (R1=1kΩ , R2=22kΩ)
   High collector current (Ic=1A)
   Low VCE(sat) VCE(sat)=0.3V
                          (@Ic=300mA/IB=3mA)

APPLICATION
   Inverted circuit, Switching circuit, Interface circuit, Driver circuit




Similar Part No. - RT1N137S

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N137L ISAHAYA-RT1N137L Datasheet
142Kb / 3P
TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
More results


Similar Description - RT1N137S

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT1N14BX ISAHAYA-RT1N14BX Datasheet
720Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N234X ISAHAYA-RT1N234X Datasheet
827Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N231X ISAHAYA-RT1N231X Datasheet
72Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N230X ISAHAYA-RT1N230X Datasheet
496Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N140X ISAHAYA-RT1N140X Datasheet
577Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P24BX ISAHAYA-RT1P24BX Datasheet
61Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14HX ISAHAYA-RT1P14HX Datasheet
64Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1P14BX ISAHAYA-RT1P14BX Datasheet
114Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N440X ISAHAYA-RT1N440X Datasheet
303Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
RT1N436X ISAHAYA-RT1N436X Datasheet
886Kb / 3P
Transistor With Resistor For Switching Application Silicon NPN Epitaxial Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com