Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8117AFRZ Datasheet (PDF) - Intersil Corporation

ISL8117AFRZ Datasheet PDF - Intersil Corporation
Part # ISL8117AFRZ
Download  ISL8117AFRZ Download
File Size   915.08 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Step-Down PWM Controller

ISL8117AFRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8117AFRZ Datasheet PDF - Intersil Corporation

Part # ISL8117AFRZ
Download  ISL8117AFRZ Click to download

File Size   915.08 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Step-Down PWM Controller

ISL8117AFRZ Datasheet (HTML) - Intersil Corporation


ISL8117AFRZ Product details

The ISL8117A is a synchronous buck controller to generate
POL voltage rails and bias voltage rails for a wide variety of
applications in industrial and general purpose segments. Its
wide input and output voltage ranges make it suitable for
telecommunication and after-market automotive applications.
ISL8117A is a derivative from the ISL8117 by replacing its
CLKOUT pin with COMP pin to provide flexibility to customers to
configure the voltage loop compensation externally.
The ISL8117A uses the valley current modulation technique to
bring a hassle-free power supply design with minimal number
of components and complete protection from unwanted
events.
The ISL8117A offers programmable soft-start and enable
functions along with a power-good indicator for ease of supply
rail sequencing and other housekeeping requirements. In ideal
situations, a complete power supply circuit can be designed
with 10 external components and provide OV/OC/OT
protections in a space conscious 16 Ld 4mmx4mm QFN
package. The package uses an EPAD to improve thermal
dissipation and noise immunity. Low pin count, less number of
external components and default internal values, makes the
ISL8117A an ideal solution for quick to market simple power
supply designs. The ISL8117A utilizes single resistor settings
for other functions such as operating frequency and
overcurrent protection. Its current mode control with VIN
feed-forward enables it to cover various applications. The
unique DEM/Skipping mode at light load dramatically lowers
standby power consumption with consistent output ripple over
different load levels.

Features
• Wide input voltage range: 4.5V to 60V
• Wide output voltage range: 0.6V to 54V
• Light-load efficiency enhancement
- Low ripple diode emulation mode with pulse skipping
• Programmable soft-start
• Supports prebiased output with SR soft-start
• Programmable frequency: 100kHz to 2MHz
• External sync
• PGOOD indicator
• Forced PWM
• Adaptive shoot-through protection
• No external current sense resistor
- Use lower MOSFET rDS(ON)
• Functional pins with default design values
- EN, RT, SS/TRK, MOD/SYNC, LGATE/OCS
• Complete protection
- Overcurrent, overvoltage, over-temperature, undervoltage
• Pb-free (RoHS compliant)

Applications
• PLC and factory automation
• Industrial equipments
• Security surveillance
• Server and data centers
• Switcher and routers
• Telecom and datacom
• LED panels




Similar Part No. - ISL8117AFRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8117AFRZ RENESAS-ISL8117AFRZ Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
ISL8117AFRZ RENESAS-ISL8117AFRZ Datasheet
2Mb / 24P
Synchronous Step-Down PWM Controller
Feb 26, 2024
ISL8117AFRZ-T RENESAS-ISL8117AFRZ-T Datasheet
2Mb / 24P
Synchronous Step-Down PWM Controller
Feb 26, 2024
More results


Similar Description - ISL8117AFRZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com