Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM142D Datasheet (PDF) - Analog Devices

ADUM142D Datasheet PDF - Analog Devices
Part # ADUM142D
Download  ADUM142D Download
File Size   693.33 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.0 kV RMS/3.75 kV RMS Quad Digital Isolators

ADUM142D Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM142D Datasheet PDF - Analog Devices

Part # ADUM142D
Download  ADUM142D Click to download

File Size   693.33 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.0 kV RMS/3.75 kV RMS Quad Digital Isolators

ADUM142D Datasheet (HTML) - Analog Devices




Similar Part No. - ADUM142D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM142D AD-ADUM142D Datasheet
2Mb / 75P
Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
ADUM142D AD-ADUM142D Datasheet
437Kb / 30P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
Rev. J
ADUM142D0BRQZ AD-ADUM142D0BRQZ Datasheet
437Kb / 30P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
Rev. J
ADUM142D0BRQZ-RL7 AD-ADUM142D0BRQZ-RL7 Datasheet
437Kb / 30P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
Rev. J
ADUM142D0BRWZ AD-ADUM142D0BRWZ Datasheet
437Kb / 30P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
Rev. J
More results


Similar Description - ADUM142D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
5.0 kV rms Quad Digital Isolators
REV. 0
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
3.0 kV rms, Dual-Channel Digital Isolators
REV. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com