Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPCA751A-P101 Datasheet (PDF) - List of Unclassifed Manufacturers

SPCA751A-P101 Datasheet PDF - List of Unclassifed Manufacturers
Part # SPCA751A-P101
Download  SPCA751A-P101 Download
File Size   103.68 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description a single chip signal processor optimized for MPEG audio decoding and voice recording

SPCA751A-P101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPCA751A-P101 Datasheet PDF - List of Unclassifed Manufacturers

Part # SPCA751A-P101
Download  SPCA751A-P101 Click to download

File Size   103.68 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description a single chip signal processor optimized for MPEG audio decoding and voice recording

SPCA751A-P101 Datasheet (HTML) - List of Unclassifed Manufacturers


SPCA751A-P101 Product details

[Sunplus Technology Co., Ltd.]

Description
The SPCA751A is a single chip signal processor optimized for MPEG audio decoding and voice recording. It is developed to achieve a better performance/cost ratio for MPEG audio players.
The SPCA751A is especially designed for standalone audio players, the system controller can easily carry out the MPEG audio decoding process by the use of a general serial IO/control interface for MPEG bit stream in/out and playback control.
Decoded audio PCM data are output to external DAC through a programmable normal/I2S DAC interface, such that most of common audio DACs can be cooperated with SPCA751A to meet different customers requirements.

Features
• Single chip MPEG audio decoder
   - Conforming to MPEG1/MPEG2 audio layer 2/3
   - Extension to MPEG lower sampling rates
• Digital sound control
   - Digital volume control
   - Stereo/Mono channel select
   - Digital sound equalizer
• Internal auto-generate audio clock
   - Sampling frequency from 8 kHz up to 48 kHz
• Programmable audio DAC interface
   - Support both normal and I2S audio DAC formats
   - Audio clock polarity programmable
   - Internal auto-generated oversampling clock for DAC
   - Accept external audio clock for sampling rate control
• Serial data IO and control interface
   - Easy for the host processor to command
• Low power dissipation
• PLL embedded
   - Require only 16.934MHz crystal, resistors, and capacitors to supply the system clock
• Built-in Digital Recording option
   - Embedded 10-bit 8 kHz audio ADC
   - SACM_S480 recording with 4.8 kbit/sec
   - SACM_S3200 recording with 32 kbit/sec
• Device Parameter
   - Supply voltage : 3.0 ~ 3.6 volts
   - IO interface : 5 volts tolerance, TTL compatible
   - Package : 44-pin LQFP
   - Power consumption: less than 150 mW @ 3.6 volts




Similar Part No. - SPCA751A-P101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPCA701A ETC-SPCA701A Datasheet
145Kb / 16P
DIGITAL VIDEO ENCODER FOR VIDEOCD
SPCA711A ETC1-SPCA711A Datasheet
133Kb / 20P
DIGITAL VIDEO ENCODER FOR VIDEOCD
More results


Similar Description - SPCA751A-P101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7096 SANYO-LA7096 Datasheet
209Kb / 5P
VTR Audio Signal Recording/Playback Processor
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
VCR Audio Signal Recording and Playback Processor?
LA7295 SANYO-LA7295 Datasheet
131Kb / 6P
VTR Audio Signal Recording/ Playback Processor?
logo
Aplus Intergrated Circu...
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
logo
Toshiba Semiconductor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
Single-Chip Audio Digital Signal Processor
logo
List of Unclassifed Man...
SPHE8200A ETC1-SPHE8200A Datasheet
1Mb / 40P
DVD SINGLE CHIP MPEG A/V PROCESSOR
logo
Toshiba Semiconductor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
Single-chip Audio Digital Signal Processor
logo
List of Unclassifed Man...
SPHE8281D ETC2-SPHE8281D Datasheet
532Kb / 35P
DVD Single Chip MPEG A/V Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com