Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE99153DIE Datasheet (PDF) - Peregrine Semiconductor

PE99153DIE Datasheet PDF - Peregrine Semiconductor
Part # PE99153DIE
Download  PE99153DIE Download
File Size   1208.95 Kbytes
Page   15 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description Hi-Rel 6A DC-DC Converter

PE99153DIE Datasheet (PDF)

Go To PDF Page Download Datasheet
PE99153DIE Datasheet PDF - Peregrine Semiconductor

Part # PE99153DIE
Download  PE99153DIE Click to download

File Size   1208.95 Kbytes
Page   15 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description Hi-Rel 6A DC-DC Converter

PE99153DIE Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE99153DIE

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results


Similar Description - PE99153DIE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
Hi-Rel DC/DC CONVERTER 10W POWER
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
Hi-Rel DC/DC CONVERTER
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
Hi-Rel DC/DC CONVERTER
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
6A Digital-DC Synchronous Step-Down DC-DC Converter
February 19, 2009
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
Hi-Rel 2A DC-DC Converter
logo
Murata Manufacturing Co...
MYMGK00506ERSR MURATA1-MYMGK00506ERSR Datasheet
1,018Kb / 22P
MonoBK?? 6A DC-DC Converter Series
MYTNA1R86RELA2RA MURATA1-MYTNA1R86RELA2RA Datasheet
1Mb / 26P
UltraBK™ 6A DC–DC Converter Module
2020
MYTNC1R86RELA2RA MURATA1-MYTNC1R86RELA2RA Datasheet
2Mb / 39P
UltraBK™ 6A DC–DC Converter Module
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com