Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE423422 Datasheet (PDF) - Peregrine Semiconductor

PE423422 Datasheet PDF - Peregrine Semiconductor
Part # PE423422
Download  PE423422 Download
File Size   366.27 Kbytes
Page   13 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS SPDT RF Switch 100??000 MHz

PE423422 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE423422 Datasheet PDF - Peregrine Semiconductor

Part # PE423422
Download  PE423422 Click to download

File Size   366.27 Kbytes
Page   13 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS SPDT RF Switch 100??000 MHz

PE423422 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE423422

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4234 PASTERNACK-PE4234 Datasheet
319Kb / 2P
BNC Twinax Plug Connector Crimp - Solder Attachment For RG108, 78 Ohm Twinax
PE4234 PASTERNACK-PE4234 Datasheet
422Kb / 3P
BNC Twinax Plug Connector Crimp/Solder Attachment
PE4234 PASTERNACK-PE4234_17 Datasheet
422Kb / 3P
BNC Twinax Plug Connector Crimp/Solder Attachment
More results


Similar Description - PE423422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE42020 PSEMI-PE42020 Datasheet
1Mb / 25P
UltraCMOS True DC RF Switch, 0 Hz??000 MHz
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
SPDT RF Switch, 5??000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com