Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45208-1YMP Datasheet (PDF) - Micrel Semiconductor

MIC45208-1YMP Datasheet PDF - Micrel Semiconductor
Part # MIC45208-1YMP
Download  MIC45208-1YMP Download
File Size   2947.55 Kbytes
Page   35 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 26V 10A DC-to-DC Power Module

MIC45208-1YMP Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC45208-1YMP Datasheet PDF - Micrel Semiconductor

Part # MIC45208-1YMP
Download  MIC45208-1YMP Click to download

File Size   2947.55 Kbytes
Page   35 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 26V 10A DC-to-DC Power Module

MIC45208-1YMP Datasheet (HTML) - Micrel Semiconductor


MIC45208-1YMP Product details

General Description
Micrel’s MIC45208 is a synchronous step-down regulator module, featuring a unique adaptive ON-time control architecture. The module incorporates a DC-to-DC controller, power MOSFETs, bootstrap diode, bootstrap capacitor, and an inductor in a single package; simplifying the design and layout process for the end user.

Features
• No compensation required
• Up to 10A output current
• >93% peak efficiency
• Output voltage: 0.8V to 5.5V with ±1% accuracy
• Adjustable switching frequency from 200kHz to 600kHz
• Enable input and open-drain power good (PG) output
• Hyper Speed Control (MIC45208-2) architecture enables fast transient response
• HyperLight Load (MIC45208-1) improves light load efficiency
• Supports safe startup into pre-biased output
• CISPR22, Class B compliant
• –40°C to +125°C junction temperature range
• Thermal-shutdown protection
• Short-circuit protection with hiccup mode
• Adjustable current limit
• Available in 52-pin 10mm × 10mm × 4mm QFN package

Applications
• High power density point-of-load conversion
• Servers, routers, networking, and base stations
• FPGAs, DSP, and low-voltage ASIC power supplies
• Industrial and medical equipment




Similar Part No. - MIC45208-1YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45208-1YMP-T1 MICROCHIP-MIC45208-1YMP-T1 Datasheet
5Mb / 36P
26V, 10A DC-to-DC Power Module
09/14/21
MIC45208-1YMP-TR MICROCHIP-MIC45208-1YMP-TR Datasheet
5Mb / 36P
26V, 10A DC-to-DC Power Module
09/14/21
More results


Similar Description - MIC45208-1YMP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
26V/6A DC-to-DC Power Module
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
26V/14A DC-to-DC Power Module
logo
Intersil Corporation
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 72P
Digital DC/DC PMBus 10A Power Module
January 22, 2015
logo
Micrel Semiconductor
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
26V/14A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
26V, 14A DC-to-DC Power Module
10/25/17
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
26V, 10A DC-to-DC Power Module
09/14/21
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com