Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAV-007088 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAAV-007088 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAAV-007088
Download  MAAV-007088 Download
File Size   604.97 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description PIN Diode Based Variable

MAAV-007088 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAV-007088 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAAV-007088
Download  MAAV-007088 Click to download

File Size   604.97 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description PIN Diode Based Variable

MAAV-007088 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAAV-007088 Product details

Description
M/A-COMs MAAV-007088-000100 is a Voltage Controlled PIN diode based π attenuator packaged in a low cost, 16 lead wide body plastic SMT package. The PIN diode design makes this part well suited for applications where low distortion or high linear operating power levels are required. These attenuators are ideal for gain control in multi-channel digital communications systems.

Features
• High Dynamic Range: 42dB Typical
• Flat Attenuation vs. Frequency
• High P1dB Compression
• Operates on a Single +5V Supply:
• 50 Ohm Nominal Impedance
• Lead-Free SOW-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT10-0019




Similar Part No. - MAAV-007088

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
PIN Diode Based Variable Attenuator 50 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
PIN Diode Based Variable
MAAV-007088-000100 MA-COM-MAAV-007088-000100_15 Datasheet
78Kb / 4P
PIN Diode Based Variable Attenuator
logo
Tyco Electronics
MAAV-007088-0001TB MACOM-MAAV-007088-0001TB Datasheet
214Kb / 3P
PIN Diode Based Variable Attenuator 50 - 1000 MHz
More results


Similar Description - MAAV-007088

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019 Datasheet
220Kb / 2P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
AT10-0019 MACOM-AT10-0019_1 Datasheet
195Kb / 3P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
PIN Diode Based Variable Attenuator 50 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0019 MA-COM-AT10-0019 Datasheet
77Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
PIN Diode Based Variable
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
HMIC PIN Diode Variable Attenuator
MAAV-007088-000100 MA-COM-MAAV-007088-000100_15 Datasheet
78Kb / 4P
PIN Diode Based Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
HMIC PIN Diode Variable Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com