Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP9111 Datasheet (PDF) - TriQuint Semiconductor

TQP9111 Datasheet PDF - TriQuint Semiconductor
Part # TQP9111
Download  TQP9111 Download
File Size   895.04 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 1.8 ??2.7 GHz 2 Watt Power Amplifier

TQP9111 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQP9111 Datasheet PDF - TriQuint Semiconductor

Part # TQP9111
Download  TQP9111 Click to download

File Size   895.04 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 1.8 ??2.7 GHz 2 Watt Power Amplifier

TQP9111 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - TQP9111

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
1.8 ??2.7 GHz 2 Watt Power Amplifier
TQP9111-PCB2140 QORVO-TQP9111-PCB2140 Datasheet
895Kb / 12P
1.8 ??2.7 GHz 2 Watt Power Amplifier
TQP9111-PCB2600 QORVO-TQP9111-PCB2600 Datasheet
895Kb / 12P
1.8 ??2.7 GHz 2 Watt Power Amplifier
More results


Similar Description - TQP9111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-C008 HITTITE-HMC-C008 Datasheet
829Kb / 6P
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_17 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
1.8 ??2.7 GHz 2 Watt Power Amplifier
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com